công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THAT2252 bảng dữ liệu(PDF) 3 Page - THAT Corporation All rights reserved.

tên linh kiện THAT2252
Giải thích chi tiết về linh kiện  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 bảng dữ liệu(HTML) 3 Page - THAT Corporation All rights reserved.

  THAT2252 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Theory of Operation
The THAT 2252 RMS-Level Detector is designed
for high performance in audio-frequency applica-
tions requiring logarithmic output, rms response,
and wide dynamic range. The parts compute rms
level by rectifying input current signals, converting
the resulting current waveform to a logarithmic
voltage, and applying this voltage to a log-domain
filter.
Current Rectification
Figure 3 presents a simplified internal circuit dia-
gram of the 2252. The input signal current, Iin,
flows in pin 1, the input pin. OA1 drives the base
of Q3 and the emitter of Q1 (through V1) to main-
tain pin 1 at virtual ground potential. A negative
input current (flowing out of pin 1) will tend to
drive the inverting input of OA1 negative, driving
OA1’s output positive, turning on Q3. V1 is de-
signed to cut off Q1 while Q3 is on. Therefore, neg-
ative input currents are forced to flow through the
collector-emitter of Q3.
Positive Iin will drive OA1’s output negative, cutting
off Q3 and turning on diode-connected transistor
Q1. Positive input current is thereby forced to flow
through the collector-emitter of Q1. Pin 4 is nor-
mally connected through a 20
Ω resistor to ground
(see Figure 4, Typical Application Circuit, Page 4,
and
Symmetry Adjustment, Page 6), so the
base-emitter potential of Q2 is the same as that of
Q1. Therefore, the current in the collector of Q2
(IC2) will mirror that in the collector of Q1 (IC1),
which equals the positive input current.
Since the input impedance of OA2 is high, the cur-
rent in the emitter of Q4 (IC4), is the sum of the
currents IC2 and IC3. The mirror action of Q1/Q2
reverses the positive input currents so that they
add to the negative input currents in Q4. The cur-
rent in Q4, therefore, is equal to the absolute value
of the input current.
Mathematically,
Iand I
I
C
in
in
in
CC
in
in
in
I
II
II
I
31
2
00
0
0
0
= 
==
>
−≤
>
,
,
,
,
,
≤

0
.
But, I
IIII
C
CCCC
4
323
1
=+=+
= 
>
−<
II
II
in
in
in
in
,
,
0
0
= Iin .
See Figure 3 for definitions of these currents.
Logging Action
OA2, together with Q4 and Q5, forms a log ampli-
fier. By using two diode-connected transistors in
the feedback loop of OA2, the 2252 produces a
voltage proportional to twice the log of IC4 at the
output of OA2. This voltage, Vlog, is therefore pro-
portional to the log of the square of the input cur-
rent, plus a bias voltage (V2).
Mathematically,
()
VV n
V
T
I
I
C
S
log =+
21
4
2
()
( )
=−
+
21
2
1
42
Vn I
V
n I
V
TC
T
S
()
( )
=−
+
Vn I
V
n I
V
TC
T
S
12
1
4
2
2
()
=−
+
Vn I
V
n I
V
Tin
T
S
12
1
2
2,
Where VT is the thermal voltage, kT
q
, and IS is the
reverse-saturation current of Q4 and Q5 (assumed
to be the same in each).
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600032 Rev 02
Page 3
+
-
+
-
-
+
-
+
+
-
Vlog
Vout
7
T
V6
Iin
IC3
IC1
IC2
IC4
I
V3
OA3
Q6
Q5
Q4
OA2
V2
V1
OA1
Q3
Q2
Q1
20
6
4
1
-
Figure 3. Simplified Internal Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com