công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THAT2252 bảng dữ liệu(PDF) 9 Page - THAT Corporation All rights reserved.

tên linh kiện THAT2252
Giải thích chi tiết về linh kiện  IC RMS-Level Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2252 bảng dữ liệu(HTML) 9 Page - THAT Corporation All rights reserved.

Back Button THAT2252 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT2252 Datasheet HTML 10Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
response is quite important, the 2252s may be se-
lected, and Rf may be omitted, as shown in Fig-
ure 11. The 2252s should be selected on the basis
of accurate low-level, low-frequency performance
(see Figure 8, page 6).
The circuit of Figure 11 may also be used with un-
selected 2252s for applications where accurate
low-level performance is unnecessary. However,
the relatively low cost of a 5% 22 M
Ω resistor usu-
ally argues in favor of its use.
DC Measurements
As noted earlier, the 2252 is primarily intended for
measuring the rms value of ac signals. This follows
from the 2252’s relatively high input offset voltage
(typically +8 mV). If the input is dc coupled, the
input offset voltage will cause a dc current to flow
in the input, which will interfere with precise
low-level rectification, ultimately producing a
“floor” below which input signals will be obscured.
For typical values of Rin
≈ 10 kΩ, this dc input cur-
rent would be 800 nA, upsetting rectification for ac
signals below approximately 8
µA, and almost
completely obscuring signals below 800 nA peak.
Cin in Figures 4 and 11 blocks this dc current, ex-
tending low-level performance to well below
100 nA.
However, as shown in Figure 12, with a few added
parts, it is possible to extend response to dc with
little loss in low-level accuracy.
The essential purpose of the added circuitry (OA1,
OA2 and associated parts) is to buffer the input
offset voltage (at pin 1) and add it to the input sig-
nal. The circuit of Figure 12 operates as follows.
As has been noted, pin 1 is a virtual ground. Theo-
retically, the voltage at pin 1 is only the dc offset of
the 2252’s internal input amplifier, VOFF(IN). Prac-
tically, the voltage at pin 1 will consist of this offset
plus a small ac signal determined by the value of
Rin and the loop gain of the internal amplifier. OA2
is intended to buffer VOFF(IN) without drawing any
additional current from the pin 1 node. For the
output of OA2 to be an accurate representation of
VOFF(IN), OA2 must be a low drift, low input bias
current opamp, and should have either low input
offset voltage (< 0.1 mV) or be trimmed to have
low input offset. Typical choices would include an
OP07 or an LM108A with a trim for offset voltage.
The voltage at OA2’s output is divided by 2
through the two 10 k
Ω resistors R1 and R2. The
1
µf capacitor bypasses any ac signal at the output
of OA2 so that only dc is present at the
noninverting input of OA1. Assuming that the in-
put to the entire circuit is connected to a 0
Ω volt-
age source, the voltage gain from the noninverting
input of OA1 to its output will be 2.0, so the com-
bined gain from the output of OA2 to the output of
OA1 is unity.
In this fashion, the dc voltage at the output of OA1
is equal to VOFF(IN) plus the input voltage. Under
no-signal conditions, no current flows in Rin. With
signal, this current is
V
R
in
in
. Of course, OA1 must
also be a low-offset opamp, though its input cur-
rent is not as critical as that for OA2. Typical
choices here would include an OP27 or an
LM308A type with offset-voltage trimming.
An additional consideration is that R1, R2, R3 and
R4 should be precision tolerance types, or the volt-
age applied to Rin will not accurately represent
VOFF(IN). The source impedance of the voltage to be
measured will also affect the gain to VOFF(IN). For
well-defined, but non-zero source impedances, re-
duce the value of R3 by the value of the source. For
uncontrolled, non-zero source impedances, the in-
put signal should be buffered.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
600032 Rev 02
Page 9
V+
V+
OUT
IN
7
2
6
3
8
1
5
4
2252
V+
OUT
CAP
V-
SYM
GND
IBIAS
IN
V-
V-
T
C
T
R
SYM
50k
24k
47k
20
1k
2M2
1u
Rb
560k
10u
Cin
20u
10u
Rin
10k
Figure 11. Extended Low-Level Range with Selected
2252s
V+
V+
OUT
IN
7
2
6
3
8
1
5
4
2252
V+
OUT
CAP
V-
SYM
GND
IBIAS
IN
V-
V-
+
-
+
-
T
C
T
R
Rin
R1
10k
R
10k
2
R4
10k
R
10k
3
OA2
OA1
OA2
OA1
1u
10k
SYM
50k
24k
47k
20
Rf 22M
1k
2M2
1u
Rb
560k
10u
10u
Figure 12. Measuring DC and AC Signals



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com