công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

515-1069F bảng dữ liệu(PDF) 2 Page - Dialight Corporation

tên linh kiện 515-1069F
Giải thích chi tiết về linh kiện  Light Pipe Selector Guide
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALIGHT [Dialight Corporation]
Trang chủ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F bảng dữ liệu(HTML) 2 Page - Dialight Corporation

  515-1069F Datasheet HTML 1Page - Dialight Corporation 515-1069F Datasheet HTML 2Page - Dialight Corporation 515-1069F Datasheet HTML 3Page - Dialight Corporation 515-1069F Datasheet HTML 4Page - Dialight Corporation 515-1069F Datasheet HTML 5Page - Dialight Corporation 515-1069F Datasheet HTML 6Page - Dialight Corporation 515-1069F Datasheet HTML 7Page - Dialight Corporation 515-1069F Datasheet HTML 8Page - Dialight Corporation 515-1069F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Why Light Pipes?
Visual status indication provides for safe and reliable operation of electrical equipment, instruments, and
electronic devices and also serves diagnostic purposes as well. While lamp holders, which utilize sepa-
rate incandescent or neon bulbs and lens caps, dominated the market in the majority of the 20th cen-
tury, LED-based light sources are predominantly used today to provide visual indication.
Technical Solutions
Light-pipes provide front-panel indication where:
• Traditional indicators are too large or other space constraints exist
• Indication is required over, around, or beneath front-panel components
• EMI/RFI concerns require location of the light source away from the front-panel
• Indication is desired after all mechanical design considerations were made
We also design light-pipes for non-diagnostic applications, including lighted company logos.
Light loss between the LED and light-pipe interface must be considered and there is also additional
transmission loss through the pipe or wherever there is a bend. The shape of the light-pipe also influences
the output. Dialight’s design engineers will recommend the best LED for use with each light-pipe.
Configuration and features
Almost any configuration or size can be accommodated and we currently offer standard solutions in:
Mounting Consideration
Most light-pipes are mounted to a PCB by pressing into holes drilled into the PCB. Depending on the appli-
cation, epoxy is also indicated for additional support. Some light-pipes are designed to press into the
front-panel and rest on the PCB, just above the LED(s). Heat-staking is another process that is used to mount
light-pipes in specific applications.
Index
02 Product Overview
Optopipe® Lightpipes
04 PCB Mount Single
Position Horizontal
06 PCB Mount Multiple
Position Vertical
08 PCB Mount Multiple
Position Horizontal
14 Panel Mount Single
Position
15 Panel Mount Multiple
position
Micro LED® LEDs
16 Recommended
Micro LED® Surface
Mount LEDs
New Products
18 Optopipe® Light pipe
Actuator Extensions
The following pages are organized as a product overview. Additional information including detailed specs, are available at: www.dialight.com.
The most recent version of this selector guide can be found at:
www.dialight.com/assets/brochures_and_catalogs/indication/lightpipe_selector_guide.pdf
40 Years of LED Experience
Single Element
Round Lens
Vertical
Shielded
Over RS-232
Multiple Element
Square Lens
Horizontal
Textured Lens
Over SFP Cage
Single Row
Rectangular Lens
Vertical Right Angle
Polished Lens
Under PCB Mount
Multiple Row
Illuminated Corner
Horizontal Right Angle
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com