công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

515-1069F bảng dữ liệu(PDF) 17 Page - Dialight Corporation

tên linh kiện 515-1069F
Giải thích chi tiết về linh kiện  Light Pipe Selector Guide
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALIGHT [Dialight Corporation]
Trang chủ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F bảng dữ liệu(HTML) 17 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation 515-1069F Datasheet HTML 20Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Recommended Micro LED® Surface Mount LEDs
ChipLED
Dialight
Part Number
Color
Material
Dom .
λ
Typ.
(nm)
Intensity
Typ.
(mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
(Deg.)
Height
(mm)
Test
Current
(mA)
Type
0603 Series Package (1.6mm X 0.8mm X Height)
597-5004-407F
Red
AllnGaP
626
50
1.9
152
0.7
20
Single Color
597-5112-407F
Red
AlGaAs
647
11.7
1.7
152
0.7
20
Single Color
597-5203-407F
Orange
GaAsP
606
3.4
2.2
152
0.7
20
Single Color
597-5213-407F
Orange
AllnGaP
605
65
1.9
152
0.7
20
Single Color
597-5223-407F
Yellow
AllnGaP
590
65
1.9
152
0.7
20
Single Color
597-5312-407F
Green
GaP
567
6.4
2.1
152
0.7
20
Single Color
597-5412-407F
Yellow-Green
GaP
572
11.7
2.1
152
0.7
20
Single Color
0805 Series Package (2.0mm X 1.25mm X Height)
597-5111-407F
Red
AlGaAs
647
11.7
1.7
150
0.8
20
Single Color
597-5202-407F
Orange
GaP
606
3.7
2.2
150
0.8
20
Single Color
597-5311-407F
Green
GaP
567
6.4
2.1
150
0.8
20
Single Color
597-5411-407F
Yellow
GaP
572
11.7
2.1
150
0.8
20
Single Color
1206 Series Package (3.2mm X 1.6mm X Height)
598-8210-107F
Red
AlInGaP
635
40
2.2
140
0.7
20
Single Color
1206 Series Package with Lens (3.0mm X 1.6mm X Height)
597-3111-407F
Red
GaAIAs
647
33.6
1.7
70
1.5
20
Single Color
597-3201-407F
Orange
GaAsP/GaP
606
9
2.2
70
1.5
20
Single Color
597-3311-407F
Green
GaP
567
12
2.1
70
1.5
20
Single Color
597-3401-407F
Yellow
GaAsP
590
6
2.2
70
1.5
20
Single Color
597-3021-407F
Red
AlInGaP
626
240
1.9
60
1.5
20
Single Color
597-3003-407F
Red
AllnGaP
626
50
1.9
150
0.8
20
Single Color
597-3212-407F
Orange
AllnGaP
605
65
1.9
150
0.8
20
Single Color
597-3222-407F
Amber
AllnGaP
590
65
1.9
150
0.8
20
Single Color
597-3612-407F
Blue
InGaN
470
133
3.3
50
1.5
20
Single Color
597-3325-407F
Green
InGaN
525
415
3.3
50
1.5
20
Single Color
597-3312-407F
Green
AlInGaP
561
42
2.1
60
1.5
20
Single Color
597-3202-407F
Orange
AlInGaP
605
240
1.9
60
1.5
20
Single Color
1208 Series Package (3.0mm X 2.0mm X Height)
597-2111-407F
Red
GaAIAs
647
12.4
1.7
130
1
20
Single Color
597-2201-407F
Amber
GaAsP/GaP
606
3
2.2
130
1
20
Single Color
597-2311-407F
Green
GaP
567
5.2
2.1
130
1
20
Single Color
597-2401-407F
Yellow
GaAsP/GaP
590
3
2.2
130
1
20
Single Color
597-2712-607F
Red/
Green/
Blue
AlInGaP/
InGaN/
InGaN
624/
525/
470
110/
280/
100
2/
3.5/
3.5
130
1
20
Tri-Color
597-2751-607F
Red/Green
AlInGaP
631/571
45/35
2
130
1
20
Bi-Color
597-2723-607F
Yellow/Green
AlInGaP
589/571
75/35
2.0
130
1
20
Bi-Color
1208 Series Package with Reflector (3.0mm X 3.0mm X Height)
597-3021-507F
Red
GaAsP
653
6.3
2
110
1.3
20
Single Color
597-3111-507F
Red
AlGaAs
662
16
1.75
110
1.3
20
Single Color
597-3211-507F
Orange
GaAsP
612
10
2
110
1.3
20
Single Color
597-3301-507F
Green
AlInGaP
573
25
2.2
110
1.3
20
Single Color
597-3401-507F
Yellow
GaAsP
588
6.3
2.1
110
1.3
20
Single Color
PLCC-2 Series Package with Reflector (3.5mm X 2.8mm X Height)
597-3001-207F
Red
GaAsP/GaP
620
10
2
120
1.9
20
Single Color
597-3121-207F
Red
AlGaAs
645
35.5
1.75
120
1.9
10
Single Color
597-3211-207F
Orange
GaAsP/GaP
606
18.3
2
120
1.9
10
Single Color
597-3301-207F
Green
GaAsP/GaP
570
19.6
2
120
1.9
10
Single Color
597-3401-207F
Yellow
GaAsP/GaP
587
12.6
2
120
1.9
10
Single Color
597-3601-207F
Blue
InGaN
465
11
3.5
120
1.9
10
Single Color
597-3231-207F
Yellow
AllnGaP
587
100
2
120
1.9
20
Single Color
597-3901-207F
White
InGaN
x: 0.32
y: 0.31
135
3.5
120
1.9
20
Single Color
597-7701-207F
Red/Green
GaAsP/GaP 628/570 11.3/11.3
2
120
1.9
10
Bi-Color
597-7721-207F
Yellow/Green
Gap/GaAsP 590/570
16/16
2.1/2.0
120
1.9
20
Bi-Color
597-7731-207F
Red/Yellow
GaAIP
628/590 10.5/10.5
2.0/2.0
120
1.9
10
Bi-Color
597-7741-207F
Orange/Green
GaAsP/GaP 606/570 11.3/17.6
2
120
1.9
10
Bi-Color
597-7761-207F
Orange/Green
GaAsP/GaP 605/557 11.3/17.6
2
120
1.9
10
Bi-Color
597-7781-207F
Red/Blue
InGaAIP/GaN 633/467
45/11
2.0/3.5
120
1.9
10
Bi-Color
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com