công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

515-1069F bảng dữ liệu(PDF) 19 Page - Dialight Corporation

tên linh kiện 515-1069F
Giải thích chi tiết về linh kiện  Light Pipe Selector Guide
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALIGHT [Dialight Corporation]
Trang chủ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F bảng dữ liệu(HTML) 19 Page - Dialight Corporation

Back Button 515-1069F Datasheet HTML 12Page - Dialight Corporation 515-1069F Datasheet HTML 13Page - Dialight Corporation 515-1069F Datasheet HTML 14Page - Dialight Corporation 515-1069F Datasheet HTML 15Page - Dialight Corporation 515-1069F Datasheet HTML 16Page - Dialight Corporation 515-1069F Datasheet HTML 17Page - Dialight Corporation 515-1069F Datasheet HTML 18Page - Dialight Corporation 515-1069F Datasheet HTML 19Page - Dialight Corporation 515-1069F Datasheet HTML 20Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NEW!
Features & Benefits:
• Lengths varying from .250” to 1.250”
• Three lens styles for optimal viewing angles; Flat, Domed, and Convex
• Designed for both single and multi-color LEDs
• Positive snap in mounting to PCB with opaque light barrier
• Low-voltage and minimal power consumption
• Light is produced through photonic emission, not as a
by-product of a radiating heat source
• Molded from RoHS compliant UL94-V0 Water Clear
Polycarbonate with an oxygen index of 35%.
• Designed to be used with Dialight surface mount led's plcc-2 and
plcc-4 pad layout shown, 597-XXXX-207f. See the surface mount
selector guide for led operating characteristics. Lower profile surface
mount led's in 598 and 597 series can be used as well as, reverse
mount led's. Please consult factory for availability.
• Available in clear lens (F) and diffused textured lens (DF)
Order Codes
Part Number
DIM “A” inches (mm) DIM “B” inches (mm)
Lens Shape
515-1192-00250F
.250 (6.35)
.197 (5)
Flat
515-1192-00550F
.550 (13.97)
.375 (9.53)
Flat
515-1192-01000F
1.000 (25.4)
.375 (9.53)
Flat
515-1194-00300F
.300 (7.62)
.197 (5)
Domed
515-1194-00350F
.350 (8.89)
.197 (5)
Domed
515-1194-00450F
.450 (11.43)
.197 (5)
Domed
515-1194-01000F
1.000 (25.4)
.375 (9.53)
Domed
515-119X-X XXXXF
Length inches (mm) see dim A
Application
Dialight Optopipe® vertical light pipes provide an excellent solution
for products that contain a PCB that is parallel to the panel in need
of indication. These UL94-V0 Water Clear Polycarbonate light pipes
are secured to the PCB using a custom snap-fit base that is easy
to install. Vertical light pipes are ideal for building automation and
other industrial applications where light needs to be transferred
from a parallel PC board, or the environment is subject to shock
and vibration. A good way to utilize low voltage and low current
LEDs, Dialight's optopipes provide a great way to efficiently transfer
light.
Lens Shape
2 - Flat
3 - Convex
4 - Domed
Custom length available, consult factory
Optopipe® Vertical Lightpipes
3mm Diameter
F= Clear, DF= Diffused
Flat Lens
515-1192-XXXXXF
Convex Lens
515-1193-XXXXXF
LED Type
0 - PLCC2 or PLCC 4
1 - Chip LED
2 - Reverse Mount
Domed Lens
515-1194-XXXXXF
PLCC2
PLCC4
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com