công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B2425 bảng dữ liệu(PDF) 25 Page - HAKKO Corporation

tên linh kiện B2425
Giải thích chi tiết về linh kiện  Desoldering Tool
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAKKO [HAKKO Corporation]
Trang chủ  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

B2425 bảng dữ liệu(HTML) 25 Page - HAKKO Corporation

Back Button B2425 Datasheet HTML 21Page - HAKKO Corporation B2425 Datasheet HTML 22Page - HAKKO Corporation B2425 Datasheet HTML 23Page - HAKKO Corporation B2425 Datasheet HTML 24Page - HAKKO Corporation B2425 Datasheet HTML 25Page - HAKKO Corporation B2425 Datasheet HTML 26Page - HAKKO Corporation B2425 Datasheet HTML 27Page - HAKKO Corporation B2425 Datasheet HTML 28Page - HAKKO Corporation B2425 Datasheet HTML 29Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
24
2. Disassemble the heating element.
Heating Element
Tip enclosure
Nozzle
Nut
CAUTION
The heating element is very hot during operation.
Remove the tip enclosure assembly and the nozzle with the attached wrench.
3. Clean out the tube in the heating element
with the provided cleaning pin.
●
Turn the power off after cleaning.
CAUTION
・
Be sure the solder in the tube in the heating element is completely heated, before
cleaning the tube.
・
If the cleaning pin does not pass through the tube in the heating element, replace
the heating element.
Scrape away all oxidation from the tube
in the heating element until the cleaning
pin passes cleanly through the tube.
4. Replace the filters.
●
When the filter pipe is cool to the touch, push down on the release knob at the back
of the handpiece and remove the filter pipe.
●
Examine the seals (front and filter holders) at each end of the filter pipe.
Replace : Stiff and/or cracked.
●
Examine the Pre-filter: Remove solder adhering to the waste collector.
●
Examine the ceramic paper filter.
Replace : Ceramic paper filter is showing signs of stains from flux, is stiff,
or contains any solder.
CAUTION
The filter pipe is very hot.
Front holder
Filter holder
Ceramic paper
filter
FRONT
Pre-filter
5. Replacement of station filter
If the filer is showing signs of stains
from flux or is stiff, replace it.
Attach the filter as shown in the right
diagram.
Vacuum outlet cap
Filter
Vacuum outlet cap
(with Filter)
①
②



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com