công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QCAA-R bảng dữ liệu(PDF) 50 Page - Nordic Semiconductor

tên linh kiện NRF52810-QCAA-R
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R bảng dữ liệu(HTML) 50 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 46Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 47Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 48Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 49Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 50Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 51Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 52Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 53Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 54Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 483 page
background image
Core components
buffer[0]
buffer[1]
0x20000000 : ReaderList[0]
0x20000004 : ReaderList[1]
0x20000008 : ReaderList[2]
buffer[2]
buffer[3]
READER.PTR = &ReaderList
buffer[0]
buffer[1]
buffer[2]
buffer[3]
buffer[0]
buffer[1]
buffer[2]
buffer[3]
Figure 6: EasyDMA array list
4.7 AHB multilayer
AHB multilayer enables parallel access paths between multiple masters and slaves in a system. Access is
resolved using priorities.
Each bus master is connected to the slave devices using an interconnection matrix. The bus masters are
assigned priorities. Priorities are used to resolve access when two (or more) bus masters request access to
the same slave device. The following applies:
• If two (or more) bus masters request access to the same slave device, the master with the highest
priority is granted the access first.
• Bus masters with lower priority are stalled until the higher priority master has completed its
transaction.
• If the higher priority master pauses at any point during its transaction, the lower priority master in
queue is temporarily granted access to the slave device until the higher priority master resumes its
activity.
• Bus masters that have the same priority are mutually exclusive, thus cannot be used concurrently.
Below is a list of bus masters in the system and their priorities.
Bus master name
Description
CPU
SPIM0/SPIS0
Same priority and mutually exclusive
RADIO
CCM/ECB/AAR
Same priority and mutually exclusive
SAADC
UARTE0
TWIM0/TWIS0
Same priority and mutually exclusive
PDM
PWM
Table 11: AHB bus masters (listed in priority order, highest to lowest)
Defined bus masters are the CPU and the peripherals with implemented EasyDMA, and the available
slaves are RAM AHB slaves. How the bus masters and slaves are connected using the interconnection
matrix is illustrated in Memory on page 15.
4.8 Debug
The debug system offers a flexible and powerful mechanism for non-intrusive debugging.
4430_161 v1.0
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com