công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QCAA-R bảng dữ liệu(PDF) 441 Page - Nordic Semiconductor

tên linh kiện NRF52810-QCAA-R
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R bảng dữ liệu(HTML) 441 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 437Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 438Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 439Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 440Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 441Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 442Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 443Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 444Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 445Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 483 page
background image
Peripherals
1
2
0
1
2
N-1
N-2
N
Figure 122: UARTE transmission
The UARTE transmitter will be in its lowest activity level, and consume the least amount of energy, when it
is stopped, i.e. before it is started via STARTTX or after it has been stopped via STOPTX and the TXSTOPPED
event has been generated. See POWER — Power supply on page 61 for more information about power
modes.
6.25.3 Reception
The UARTE receiver is started by triggering the STARTRX task. The UARTE receiver is using EasyDMA to
store incoming data in an RX buffer in RAM.
The RX buffer is located at the address specified in the RXD.PTR register. The RXD.PTR register is double-
buffered and it can be updated and prepared for the next STARTRX task immediately after the RXSTARTED
event is generated. The size of the RX buffer is specified in the RXD.MAXCNT register and the UARTE will
generate an ENDRX event when it has filled up the RX buffer, see UARTE reception on page 442.
For each byte received over the RXD line, an RXDRDY event will be generated. This event is likely to occur
before the corresponding data has been transferred to Data RAM.
The RXD.AMOUNT register can be queried following an ENDRX event to see how many new bytes have
been transferred to the RX buffer in RAM since the previous ENDRX event.
4430_161 v1.0
441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com