| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 117 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 117 Page - Nordic Semiconductor |
|
117 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Enable 6.5.3.10 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Write '1' to enable interrupt for event READY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW DOWN Write '1' to enable interrupt for event DOWN Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW UP Write '1' to enable interrupt for event UP Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW CROSS Write '1' to enable interrupt for event CROSS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.5.3.11 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Write '1' to disable interrupt for event READY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW DOWN Write '1' to disable interrupt for event DOWN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW UP Write '1' to disable interrupt for event UP Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 117 |