| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52820-QDAA-R bảng dữ liệu(PDF) 115 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R bảng dữ liệu(HTML) 115 Page - Nordic Semiconductor |
|
115 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_SAMPLE Sample comparator value Trigger 1 Trigger task 6.5.3.4 EVENTS_READY Address offset: 0x100 COMP is ready and output is valid Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_READY COMP is ready and output is valid NotGenerated 0 Event not generated Generated 1 Event generated 6.5.3.5 EVENTS_DOWN Address offset: 0x104 Downward crossing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_DOWN Downward crossing NotGenerated 0 Event not generated Generated 1 Event generated 6.5.3.6 EVENTS_UP Address offset: 0x108 Upward crossing Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_UP Upward crossing NotGenerated 0 Event not generated Generated 1 Event generated 6.5.3.7 EVENTS_CROSS Address offset: 0x10C Downward or upward crossing 4463_156 v1.0 115 |