công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV4053 bảng dữ liệu(PDF) 14 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LV4053
Giải thích chi tiết về linh kiện  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 bảng dữ liệu(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
14 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 14. Test circuit for measuring switching times
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
< 2.7 V
VCC
 6 ns
50 pF
1 k
open
VEE
2VCC
2.7 V to 3.6 V
2.7 V
 6 ns
15 pF, 50 pF
1 k
open
VEE
2VCC
> 3.6 V
VCC
 6 ns
50 pF
1 k
open
VEE
2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com