công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV4053 bảng dữ liệu(PDF) 12 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LV4053
Giải thích chi tiết về linh kiện  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 bảng dữ liệu(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
12 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
[1]
All typical values are measured at Tamb =25 C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Typical values are measured at nominal supply voltage (VCC = 3.3 V).
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ ((CL + CSW)  VCC2  fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
CSW = maximum switch capacitance in pF;
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
tdis
disable time
E to nYn, nZ; see Figure 13
[2]
VCC =1.2 V
-
95
-
-
-
ns
VCC =2.0 V
-
34
61
-
73
ns
VCC =2.7 V
-
26
46
-
54
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-17
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-20
37
-
44
ns
VCC =4.5 V
-
18
32
-
38
ns
VCC =6.0 V
-
15
25
-
30
ns
Sn to nYn, nZ; see Figure 13
[2]
VCC =1.2 V
-
90
-
-
-
ns
VCC =2.0 V
-
32
59
-
70
ns
VCC =2.7 V
-
24
44
-
52
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-16
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-19
36
-
42
ns
VCC =4.5 V
-
17
31
-
36
ns
VCC =6.0 V
-
14
24
-
28
ns
CPD
power dissipation
capacitance
CL =50pF; fi = 1 MHz;
VI =GND to VCC
[4]
-36
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 14.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com