công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV4053 bảng dữ liệu(PDF) 6 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LV4053
Giải thích chi tiết về linh kiện  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 bảng dữ liệu(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
6 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
8.
Recommended operating conditions
[1]
The static characteristics are guaranteed from VCC = 1.2 V to 6.0 V, but LV devices are guaranteed to function down to VCC =1.0 V (with
input levels GND or VCC).
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
see Figure 7
13.3
6
V
VI
input voltage
0
-
VCC
V
VSW
switch voltage
0
-
VCC
V
Tamb
ambient temperature
in free air
40
-
+125
C
t/V
input transition rise and fall rate VCC = 1.0 V to 2.0 V
-
-
500
ns/V
VCC = 2.0 V to 2.7 V
-
-
200
ns/V
VCC = 2.7 V to 3.6 V
-
-
100
ns/V
Fig 7.
Guaranteed operating area as a function of the supply voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com