công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV4053 bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LV4053
Giải thích chi tiết về linh kiện  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LV4053_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
5 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
7.
Limiting values
[1]
To avoid drawing VCC current out of terminal nZ, when switch current flows into terminals nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no VCC current will flow out of terminals nYn, and in this case
there is no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE.
[2]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[3]
For DIP16 packages: above 70
C the value of P
tot derates linearly with 12 mW/K.
For SO16 packages: above 70
C the value of P
tot derates linearly with 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 packages: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 3.
Function table [1]
Inputs
Channel on
E
Sn
LLnY0 to nZ
L
H
nY1 to nZ
H
X
switches off
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+7.0
V
IIK
input clamping current
VI < 0.5 V or VI > VCC + 0.5 V
[2]
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW > VCC + 0.5 V
[2]
-
20
mA
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V;
source or sink current
[2]
-
25
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
DIP16 package
-
750
mW
SO16 package
-
500
mW
TSSOP16 package
-
500
mW
DHVQFN16 package
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com