| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML22Q533 bảng dữ liệu(PDF) 96 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
ML22Q533 bảng dữ liệu(HTML) 96 Page - Rohm |
|
96 / 178 page ![]() FEDL22Q53X-02 ML22Q53X Repeat playback setting/release timing by SLOOP/CLOOP command The SLOOP command is valid only during playback. After the PLAY command is input, input the SLOOP command within the specified period (tcm) after the NCR of the corresponding channel becomes "H" level. This enables the SLOOP command and repeats playback. While the repeat playback mode is set, the NCR signal is "L" level. Status 1st Repeat playing BUSYBn SPM 1/2SPVDD SPP 1/2SPVDD Address is being controlled Awaiting command Awaiting command PLAY command 2 nd byte Address is being controlled Command is being processed (internal) SLOOP command CLOOP command 2nd Repeat playing NCRn VOH VOL CBUSYB (internal) tcm SCL SDA SlaveAddress A W tCB2 tCB1 tCB1 SlaveAddress A W A A A 96/178 |