công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XFP235 bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện XFP235
Giải thích chi tiết về linh kiện  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button XFP235 Datasheet HTML 14Page - Renesas Technology Corp XFP235 Datasheet HTML 15Page - Renesas Technology Corp XFP235 Datasheet HTML 16Page - Renesas Technology Corp XFP235 Datasheet HTML 17Page - Renesas Technology Corp XFP235 Datasheet HTML 18Page - Renesas Technology Corp XFP235 Datasheet HTML 19Page - Renesas Technology Corp XFP235 Datasheet HTML 20Page - Renesas Technology Corp XFP235 Datasheet HTML 21Page - Renesas Technology Corp XFP235 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Revision History
Date
Description of Change
September 13, 2023
Changed MSL level to “3” from “does not apply” in Table 5.
February 10, 2022
▪ Updated Output Clock Duty Cycle minimum and maximum specifications for LVDS, LVPECL, HCSL, and
CML in Table 15, Table 16, and Table 17.
July 13, 2021
▪ Update Ordering Information (XO) key (precision specification).
May 10, 2021
▪ Updated Package and Precision codes in VCXO Ordering Information table.
▪ Moved XO and VCXO Ordering Information tables to follow Pin Descriptions.
▪ Updated VCXO Precision options from H, J, and K to X, Y, and Z, updated VCXO bandwidth values.
March 31, 2021
▪ Updated title of Ordering Information table to include (XO).
▪ Added a new Ordering Information table for (VCXO).
▪ Updated Frequency Tolerance values.
February 11, 2021
Added new package options: 5.0 × 3.2 mm and 3.2 × 2.5 mm.
January 6, 2020
Updated notes for pin descriptions.
July 22, 2019
Updated LVDS Differential Output Voltage minimum value from 0.28V to 0.30V.
May 22, 2019
Changed 3.3V, 2.5V, and 1.8V LVPECL current consumption conditions value from 670MHz to 2.1GHz.
April 3, 2019
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com