công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XFP235 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện XFP235
Giải thích chi tiết về linh kiện  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP235 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button XFP235 Datasheet HTML 2Page - Renesas Technology Corp XFP235 Datasheet HTML 3Page - Renesas Technology Corp XFP235 Datasheet HTML 4Page - Renesas Technology Corp XFP235 Datasheet HTML 5Page - Renesas Technology Corp XFP235 Datasheet HTML 6Page - Renesas Technology Corp XFP235 Datasheet HTML 7Page - Renesas Technology Corp XFP235 Datasheet HTML 8Page - Renesas Technology Corp XFP235 Datasheet HTML 9Page - Renesas Technology Corp XFP235 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
DC Electrical Characteristics
Note for all DC Electrical Characteristics tables: A pull-up resistor from VDD to OE enables output when pin 5 is left open.
Table 6. 3.3V IDD DC Electrical Characteristics
VDD = 3.3V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
15MHz to 400MHz.
—
59
67
mA
400MHz to 2.1GHz.
—
—
85
LVPECL
15MHz to 212.5MHz.
—
84
94
212MHz to 400MHz.
—
—
110
400MHz to 2.1GHz.
—
—
110
HCSL
15MHz to 725MHz.
—
74
83
CML
15MHz to 2.1GHz.
—
45
61
Table 7. 2.5V IDD DC Electrical Characteristics
VDD = 2.5V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
15MHz to 400MHz.
—
59
66
mA
400MHz to 2.1GHz.
—
—
85
LVPECL
15MHz to 156.25MHz.
—
84
94
156.25MHz to 400MHz.
—
—
110
400MHz to 2.1GHz.
—
—
110
HCSL
15MHz to 400MHz.
—
—
95
400MHz to 725MHz.
—
74
82
CML
15MHz to 2.1GHz.
—
54
61
Table 8. 1.8V IDD DC Electrical Characteristics
VDD = 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C, typical at 156.25MHz.
Symbol
Parameter
Output Type
Conditions
Minimum
Typical
Maximum
Unit
IDD
Current Consumption
LVDS
15MHz to 400MHz.
—
59
66
mA
400MHz to 2.1GHz.
—
—
85
LVPECL
15MHz to 250MHz.
—
84
93
250MHz to 2.1GHz.
—
—
110
HCSL
15MHz to 400MHz.
—
—
95
400MHz to 725MHz.
—
74
81
CML
15MHz to 2.1GHz.
—
54
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com