công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8951L bảng dữ liệu(PDF) 26 Page - Wolfson Microelectronics plc

tên linh kiện WM8951L
Giải thích chi tiết về linh kiện  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L bảng dữ liệu(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
WM8951L
Production Data
w
PD Rev 4.1 December 2007
26
Sample rates listed in the following sections are supported.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
96/88.2kHz
0 = 256fs
1 = 128fs
1 = 384fs
1 = 192fs
0001000
Sampling
Control
5:2
SR[3:0]
0000
Sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
Table 11 Sample Rate Control
NORMAL MODE SAMPLE RATES
In normal mode MCLK/crystal oscillator is set up according to the desired sample rates of the ADC.
For ADC sampling rates of 8, 32, 48 or 96kHz, MCLK frequencies of either 12.288MHz (256fs) or
18.432MHz (384fs) can be used. For ADC sampling rates of 8, 44.1 or 88.2kHz from MCLK
frequencies of either 11.2896MHz (256fs) or 16.9344MHz (384fs) can be used.
Table 12 should be used to set up the device to work with the various sample rate combinations. For
example if the user wishes to use the WM8951L in normal mode with the ADC sample rate at 48kHz
then the device should be programmed with BOSR = 0, SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0 with
a 12.288MHz MCLK or with BOSR = 1, SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0 with a 18.432MHz
MCLK. The ADC will then operate with a Digital Filter of type 1, refer to Digital Filter Characteristics
section for an explanation of the different filter types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com