công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8951L bảng dữ liệu(PDF) 14 Page - Wolfson Microelectronics plc

tên linh kiện WM8951L
Giải thích chi tiết về linh kiện  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L bảng dữ liệu(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8951L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8951L Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
WM8951L
Production Data
w
PD Rev 4.1 December 2007
14
DEVICE DESCRIPTION
INTRODUCTION
The WM8951L is a low power stereo audio ADC designed specifically for portable audio products. It’s
features, performance and low power consumption make it ideal for portable voice recorders, games
console accessories and wireless microphones.
The WM8951L includes line and microphone inputs to the on-board ADC, a crystal oscillator,
configurable digital audio interface and a choice of 2 or 3 wire MPU control interface. It is fully
compatible and an ideal partner for a range of industry standard microprocessors, controllers and
DSPs.
The ADC includes three low noise inputs - mono microphone and stereo line. Line inputs have +12dB
to -34dB logarithmic volume level adjustments and mute. The Microphone input has -6dB to 34dB
volume level adjustment. An electret microphone bias level is also available. All the required input
filtering is contained within the device with no external components required.
The on-board stereo analogue to digital converter (ADC) is of a high quality using a multi-bit high-
order oversampling architecture delivering optimum performance with low power consumption. The
output from the ADC is available on the digital audio interface. The ADC includes an optional digital
high pass filter to remove unwanted dc components from the audio signal.
The design of the WM8951L has given much attention to power consumption without compromising
performance. It includes the ability to power off selective parts of the circuitry under software control,
thus conserving power. Power saving modes be configured under software control including a
standby and power off mode.
The device caters for a number of different sampling rates including industry standard 8kHz, 32kHz,
44.1kHz, 48kHz, 88.2kHz and 96kHz.
The digitised output is available in a number of audio data formats I2S, DSP Mode (a burst mode in
which frame sync plus 2 data packed words are transmitted), MSB-First, left justified and MSB-First,
right justified. The digital audio interface can operate in both master or slave modes.
The software control uses either 2 or 3-wire MPU interface.
A crystal oscillator is included on board the device. The device can generate the system master clock
or alternatively it can accept an external master clock from the audio system.
AUDIO SIGNAL PATH
LINE INPUTS
The WM8951L provides Left and Right channel line inputs (RLINEIN and LLINEIN). The inputs are
high impedance and low capacitance, thus ideally suited to receiving line level signals from external
hi-fi or audio equipment.
Both line inputs include independent programmable volume level adjustments and ADC input mute.
The scheme is illustrated in Figure 9. Passive RF and active Anti-Alias filters are also incorporated
within the line inputs. These prevent high frequencies aliasing into the audio band or otherwise
degrading performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com