| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S124 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S124 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 107 page ![]() R01DS0264EU0140 Rev.1.40 Page 13 of 107 Sep 3, 2024 S124 Datasheet 1. Overview ACMPLP VCOUT Output Comparator output pin. CMPREF0, CMPREF1 Input Reference voltage input pins. CMPIN0, CMPIN1 Input Analog voltage input pins. CTSU TS00 to TS28, TS30, TS31 Input Capacitive touch detection pins (touch pins). TSCAP - Secondary power supply pin for the touch driver. KINT KR00 to KR07 Input Key interrupt input pins. I/O ports P000 to P004, P010 to P015 I/O General-purpose input/output pins. P100 to P113 I/O General-purpose input/output pins. P200 Input General-purpose input pin. P201, P204 to P206, P212, P213 I/O General-purpose input/output pins. P214, P215 Input General-purpose input pins. P300 to P304 I/O General-purpose input/output pins. P400 to P403, P407 to P411 I/O General-purpose input/output pins. P500 to P502 I/O General-purpose input/output pins. Table 1.15 Pin functions (3 of 3) Function Signal I/O Description |