| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S124 bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S124 bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 107 page ![]() R01DS0264EU0140 Rev.1.40 Page 39 of 107 Sep 3, 2024 S124 Datasheet 2. Electrical Characteristics Figure 2.19 Voltage dependency in low-speed operating mode (reference data) Figure 2.20 Voltage dependency in low-voltage operating mode (reference data) Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |