| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-21990BBC bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21990BBC bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 50 page ![]() Rev. A | Page 14 of 50 | August 2007 ADSP-21990 INSTRUCTION SET DESCRIPTION The ADSP-21990 assembly language instruction set has an alge- braic syntax that was designed for ease of coding and readability. The assembly language, which takes full advantage of the unique architecture of the processor, offers the following benefits: • ADSP-21xx assembly language syntax is a superset of and source code compatible (except for two data registers and DAG base address registers) with ADSP-21xx family syn- tax. It may be necessary to restructure ADSP-21xx programs to accommodate the ADSP-21990 unified mem- ory space and to conform to its interrupt vector map. • The algebraic syntax eliminates the need to remember cryptic assembler mnemonics. For example, a typical arith- metic add instruction, such as AR = AX0 + AY0, resembles a simple equation. • Every instruction, but two, assembles into a single, 24-bit word that can execute in a single instruction cycle. The exceptions are two dual word instructions. One writes 16-bit or 24-bit immediate data to memory, and the other is an absolute jump/call with the 24-bit address specified in the instruction. • Multifunction instructions allow parallel execution of an arithmetic, MAC, or shift instruction with up to two fetches or one write to processor memory space during a single instruction cycle. • Program flow instructions support a wider variety of con- ditional and unconditional jumps/calls and a larger set of conditions on which to base execution of conditional instructions. DEVELOPMENT TOOLS The ADSP-21990 is supported with a complete set of CROSSCORE™ software and hardware development tools, including Analog Devices emulators and VisualDSP++™ devel- opment environment. The emulator hardware that supports other ADSP-21xx DSPs also fully emulates the ADSP-21990. The VisualDSP++ project management environment lets pro- grammers develop and debug an application. This environment includes an easy to use assembler (which is based on an alge- braic syntax), an archiver (librarian/library builder), a linker, a loader, a cycle-accurate instruction-level simulator, a C/C++ compiler, and a C/C++ runtime library that includes DSP and mathematical functions. A key point for these tools is C/C++ code efficiency. The compiler has been developed for efficient translation of C/C++ code to DSP assembly. The DSP has archi- tectural features that improve the efficiency of compiled C/C++ code. The VisualDSP++ debugger has a number of important fea- tures. Data visualization is enhanced by a plotting package that offers a significant level of flexibility. This graphical representa- tion of user data enables the programmer to quickly determine the performance of an algorithm. As algorithms grow in com- plexity, this capability can have significant influence on the design development schedule, increasing productivity. Statisti- cal profiling enables the programmer to nonintrusively poll the processor as it is running the program. This feature, unique to VisualDSP++, enables the software developer to passively gather important code execution metrics without interrupting the real-time characteristics of the program. Essentially, the developer can identify bottlenecks in software quickly and effi- ciently. By using the profiler, the programmer can focus on those areas in the program that impact performance and take corrective action. Debugging both C/C++ and assembly programs with the VisualDSP++ debugger, programmers can: • View mixed C/C++ and assembly code (interleaved source and object information). • Insert breakpoints. • Set conditional breakpoints on registers, memory, and stacks. • Trace instruction execution. • Perform linear or statistical profiling of program execution. • Fill, dump, and graphically plot the contents of memory. • Perform source level debugging. • Create custom debugger windows. The VisualDSP++ IDDE lets programmers define and manage DSP software development. Its dialog boxes and property pages let programmers configure and manage all of the ADSP-21xx development tools, including the color syntax highlighting in the VisualDSP++ editor. This capability permits programmers to: • Control how the development tools process inputs and generate outputs. • Maintain a one-to-one correspondence with the command line switches of the tool. The VisualDSP++ Kernel (VDK) incorporates scheduling and resource management tailored specifically to address the mem- ory and timing constraints of DSP programming. These capabilities enable engineers to develop code more effectively, eliminating the need to start from the very beginning, when developing new application code. The VDK features include threads, critical and unscheduled regions, semaphores, events, and device flags. The VDK also supports priority-based, pre- emptive, cooperative, and time-sliced scheduling approaches. In addition, the VDK was designed to be scalable. If the application does not use a specific feature, the support code for that feature is excluded from the target system. Because the VDK is a library, a developer can decide whether to use it or not. The VDK is integrated into the VisualDSP++ development environment, but can also be used via standard command line tools. When the VDK is used, the development environment assists the developer with many error-prone tasks and assists in managing system resources, automating the gen- eration of various VDK-based objects, and visualizing the system state, when debugging an application that uses the VDK. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |