công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GW-KAHLB2-DM bảng dữ liệu(PDF) 18 Page - ams-OSRAM AG

tên linh kiện GW-KAHLB2-DM
Giải thích chi tiết về linh kiện  SOLERIQ® S 19
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSOSRAM [ams-OSRAM AG]
Trang chủ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KAHLB2-DM bảng dữ liệu(HTML) 18 Page - ams-OSRAM AG

Back Button GW-KAHLB2-DM Datasheet HTML 12Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 13Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 14Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 15Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 16Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 17Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 18Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 19Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 20Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
GW KAHLB2.DM
18 Version 1.3 | 2020-03-05
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 10 ms, with a tolerance
of +/- 7%.
2)
Reverse Operation: Not designed for reverse operation. Continuous reverse operation can cause mi-
gration and damage of the device.
3)
Forward Voltage: The Forward voltage is measured during a current pulse duration of typically 1 ms
with a tolerance of ± 0.05V .
4)
Color reproduction index: Color reproduction index values (CRI-RA) are measured during a current
pulse of typically 10 ms and with a tolerance of ±2.
5)
Chromaticity coordinate groups: Chromaticity coordinate groups are measured during a current pulse
duration of typically 10ms with a tolerance of ±0.005.
6)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
7)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
8)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com