công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 12Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 13Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 14Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 15Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 16Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
7.3 Feature Description
7.3.1 Timeout Watchdog Timer
The TPS3435-Q1 offers high precision timeout watchdog timer monitoring. The device is available in multiple
pinout options A to C which support multiple features to meet ever expanding needs of various applications.
Make sure a correct pinout is selected to meet the application needs.
The timeout watchdog is active when the VDD voltage is higher than the VDDMIN, MR voltage is held higher
than 0.7 x VDD and watchdog is enabled. TPS3435-Q1 family offers various startup time delay options to make
sure enough time is available for the host to complete boot operation. Please refer Section 7.3.1.3 for additional
details.
The timeout watchdog timer monitors the WDI pin for falling edge in the time frame defined by tWD time period.
Refer Section 7.3.1.1 section to arrive at the relevant tWD value needed for application. The timer value is reset
when a valid falling edge is detected on WDI pin in the tWD time duration. When a valid WDI transition is not
detected in tWD time, the device asserts WDO output. The WDO is asserted for time tWDO . Refer Section 7.3.3
to arrive at the relevant tWDO value needed for application.
Figure 7-4 shows the basic operation for timeout watchdog timer operation. The TPS3435-Q1 watchdog
functionality supports multiple features. Details are available in following sub sections.
WDI
ttWDOt
Ignore
ttWDt
ttWDt
ttWDt
ttSDt
tP-WD
WDO
tWD
Figure 7-4. Timeout Watchdog Timer Operation
7.3.1.1 tWD Timer
The tWD timer for TPS3435-Q1 can be set using an external capacitor connected between CWD pin and GND
pin. This feature is available with pinout options A or B. Applications which are space constrained or need timer
values which meet offered timer options, can benefit when using pinout options C. The TPS3435-Q1 offers
multiple fixed timer options ranging from 1ms up-to 100s.
The TPS3435-Q1, when using capacitance based timer, senses the capacitance value during the power up. The
capacitor is charged and discharged with known internal current source for one cycle to sense the capacitance
value. The sensed value is used to arrive at tWD timer for the watchdog operation. This unique implementation
helps reduce the continuous charge and discharge current for the capacitor, thus reducing overall current
consumption. Continuous charge and discharge of capacitance creates wider dead time (no watchdog monitor
functionality) when capacitor is discharging. The dead time is higher for high value of capacitance. The unique
implementation of TPS3435-Q1 helps avoid the dead time as the capacitance is not continuously charging or
discharging under normal operation. Make sure CCWD is < 200 x CCRST for accurate calibration of capacitance.
Equation 1 highlights the relationship between tWD in second and CWD capacitance in farad. The tWD timer
is 20% accurate for the capacitor's typical value. Accuracy of the capacitance has additional impact on the
tWD time. Make sure the capacitance meets the recommended operating range. Capacitance outside the
recommended range can lead to incorrect operation of the device.
tWD (sec) = 4.95 x 106 x CCWD (F)
(1)
The TPS3435-Q1 also offers wide selection of high accuracy fixed timer options starting from 1ms to 100sec
including various industry standard values. The TPS3435-Q1 fixed time options are ±10% accurate for tWD ≥
TPS3435-Q1
SLVSGF0B – OCTOBER 2022 – REVISED MARCH 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS3435-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com