| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA4E2 bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 91 page ![]() Table 1.15 Pin list (2 of 2) Power, System, Clock, Debug, CAC I/O ports Ex. Interrupt SCI/I3C/SPI/ CANFD/USBFS/ SSIE/CEC GPT/AGT/RTC ADC12/DAC12 36 C2 28 — — — P111 IRQ4 SCK9/RSPCKA_B/ SSIDATA0_B — — 37 D1 29 — — — P112 — SSLA0_B/QSSL GTETRGD/AGTO1 — 38 D2 — — — — P113 — — — — 39 E4 30 C3 20 VCC — — — — — 40 E5 31 C4 21 VSS — — — — — 41 D3 — — — — P107 — SSLA2_B AGTOA0 — 42 E3 — — — — P106 — SSLB3 AGTOB0 — 43 E2 — — — — P105 IRQ0 SSLB2 GTIOC1A/GTETRGA — 44 E1 32 — — — P104 IRQ1 SSLB1/QIO2 GTIOC1B/ GTETRGB/AGTIO1 — 45 F3 33 D2 — — P103 — CTS_RTS0/SS0/ SSLB0/CTX0/ SSILRCK0_B/ SSIFS0_B GTOWUP — 46 F2 34 D1 22 — P102 — SCK0/RSPCKB/ CRX0/SSIBCK0_B GTOWLO/AGTO0 ADTRG0 47 F1 35 E1 23 — P101 IRQ1 TXD0/MOSI0/SDA0/ I3C_SDA/SDA0_D/ MOSIB GTIOC5A/ GTETRGB/AGTEE0 — 48 G1 36 F1 24 — P100 IRQ2 RXD0/MISO0/SCL0/ I3C_SCL/SCL0_D/ MISOB/AUDIO_CLK GTIOC5B/ GTETRGA/AGTIO0 — 49 H1 37 — — CACREF P500 — — GTIU/AGTOA0 AN016 50 G2 — — — — P008 IRQ12-DS — — AN008 51 H2 — — — — P006 IRQ11-DS — — AN006 52 G3 38 — — — P015 IRQ13 — — AN013 53 H3 39 E2 25 — P014 — — — AN012/DA0 54 H4 40 — — — P013 — — — AN011 55 H5 41 F2 26 — P003 — — — AN007 56 F4 42 E3 27 VREFH/AVCC0 — — — — — 57 F5 43 E4 28 VREFL/AVSS0 — — — — — 58 G5 44 F4 29 VREFL0 — — — — — 59 G4 45 F3 30 VREFH0 — — — — — 60 H6 — — — — P005 IRQ10-DS — — AN005 61 G6 — — — — P004 IRQ9-DS — — AN004 62 G7 46 — 31 — P002 IRQ8-DS — — AN002 63 H7 47 F5 32 — P001 IRQ7-DS — — AN001 64 H8 48 F6 1 — P000 IRQ6-DS — — AN000 Note: Several pin names have the added suffix of _A, _B, _C, and _D. The suffix can be ignored when assigning functionality. Note 1. XCIN cannot be used in QFN32. XCIN must be connected to VSS through a resistor (pull down). Note 2. Only the USBFS function assigned to A4 pin and A5 pin can be used, and general-purpose I/O port functions and peripheral functions cannot be used. If not using A4 pin and A5 pin or only using the USBFS function, these lots can be used without any restrictions. RA4E2 Datasheet 1. Overview R01DS0413EJ0150 Rev.1.50 May 29, 2026 Page 16 of 91 |