công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RA2L2 bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp

tên linh kiện RA2L2
Giải thích chi tiết về linh kiện  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 8Page - Renesas Technology Corp RA2L2 Datasheet HTML 9Page - Renesas Technology Corp RA2L2 Datasheet HTML 10Page - Renesas Technology Corp RA2L2 Datasheet HTML 11Page - Renesas Technology Corp RA2L2 Datasheet HTML 12Page - Renesas Technology Corp RA2L2 Datasheet HTML 13Page - Renesas Technology Corp RA2L2 Datasheet HTML 14Page - Renesas Technology Corp RA2L2 Datasheet HTML 15Page - Renesas Technology Corp RA2L2 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
Table 1.13
Pin functions (3 of 3)
Function
Signal
I/O
Description
Analog power supply
AVCC0
Input
Analog power supply pin for the ADC12
AVSS0
Input
Analog ground pin for the ADC12
VREFH0
Input
Analog reference voltage supply pin for the ADC12. Connect this pin
to AVCC0 when not using the ADC12.
VREFL0
Input
Analog reference ground pin for the ADC12. Connect this pin to
AVSS0 when not using the ADC12.
ADC12
AN000 to AN010, AN017
to AN022
Input
Input pins for the analog signals to be processed by the A/D
converter
ADTRG0
Input
Input pin for the external trigger signals that start the A/D
conversion, active-low
KINT
KR00 to KR07
Input
Key interrupt input pins
I/O ports
P000 to P004, P010 to
P015
I/O
General-purpose input/output pins
P100 to P113
I/O
General-purpose input/output pins
P200
Input
General-purpose input pin
P201, P204 to P207,
P212, P213
I/O
General-purpose input/output pins
P214, P215
Input
General-purpose input pins
P300 to P304
I/O
General-purpose input/output pins
P400 to P403, P407 to
P411
I/O
General-purpose input/output pins
P500 to P502
I/O
General-purpose input/output pins
P912, P913
I/O
General-purpose input/output pins
RA2L2 Datasheet
1. Overview
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 12 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More