| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GP32/2 bảng dữ liệu(PDF) 22 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 bảng dữ liệu(HTML) 22 Page - Clarke International |
|
22 / 44 page ![]() 22 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com TO INSPECT AND CLEAN THE SPARK ARRESTOR: 1. Remove the left maintenance cover, then loosen the jubilee clip holding the arrestor cover in place and remove the arrestor from its housing. 2. Use a brush to remove carbon deposits from the spark arrestor screen. Be careful to avoid damaging the screen. The spark arrestor must be free of breaks and tears. Replace the spark arrestor if it is damaged. 3. Install the spark arrestor in the reverse order of removal. 4. DRAINING THE FUEL TANK/CARBURETTOR To help prevent gum deposits in the fuel system, drain the fuel from the tank and carburettor before storing. TO DRAIN THE FUEL TANK & CARBURETTOR: 1. With the help of another person, place the generator on an elevated platform such as a table or workbench. TO DRAIN THE FUEL TANK 1. Remove the fuel tank cap and fuel strainer. 2. Using a petrol hand pump, empty the fuel tank into an approved petrol container. Siphon the petrol by inserting the tip of the pump into the side of the pump guard. NOTE: DO NOT use an electric pump 3. Reinstall the fuel strainer and replace the fuel tank cap. |