| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GP32/2 bảng dữ liệu(PDF) 18 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 bảng dữ liệu(HTML) 18 Page - Clarke International |
|
18 / 44 page ![]() 18 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 1. Pull the Starter Grip lightly until you feel resistance; then pull briskly in the direction of the arrow as shown. NOTE: DO NOT allow the grip to snap back after starting; return it gently to its original position. 2. Allow the generator to run for several minutes before attempting to connect any electrical devices. This allows the generator to stabiles its speed and temperature. SHUTTING OFF THE GENERATOR WARNING: ALLOW THE GENERATOR TO COOL DOWN BEFORE TOUCHING AREAS THAT BECOME HOT DURING USE. CAUTION: ALLOWING PETROL TO SIT IN THE FUEL TANK FOR LONG PERIODS OF TIME CAN MAKE IT DIFFICULT TO START THE GENERATOR IN THE FUTURE. NEVER STORE THE GENERATOR FOR EXTENDED PERIODS OF TIME (OVER 2 MONTHS) WITH FUEL IN THE TANK. REFER TO ‘STORING THE GENERATOR’ ON PAGE 25 1. Turn off all electrical devices prior to unplugging them from the generator. Unplugging running devices can cause damage to the generator. 2. Allow the generator to run at no load for a few minutes to stabilise the internal temperature. 3. Turn the ‘MAIN SWITCH’ to the ‘OFF’ position. 4. Turn the FUEL switch to the ‘OFF’ position. |