| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GP32/2 bảng dữ liệu(PDF) 20 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 bảng dữ liệu(HTML) 20 Page - Clarke International |
|
20 / 44 page ![]() 20 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com IMPORTANT GENERATOR MAINTENANCE TIPS: • Drain the carburettor after each use and before storage to prevent it from clogging. • DO NOT store the generator with fuel inside the tank for more than 2 months - fuel will go bad. • Run the generator for at least 20 minutes every month to charge the battery and maximise the generators lifespan. NOTE: Failure to properly maintain the generator will void the warranty. AIR FILTER MAINTENANCE Check every 50 hours of operation (refer to recommended maintenance schedule). Routine maintenance of the air filter helps maintain proper airflow to the carburettor. Occasionally check that the air cleaner is free of excessive dirt. TO INSPECT AND CLEAN THE AIR FILTER: 1. Loosen the screws to the right side maintenance cover. Remove cover and set aside 2. Unsnap the air filter cover clip, pull the cover down and off the unit (A). 3. Remove the air filter cover and set aside (B). 4. Remove the air filter (C). 5. Wash the air filter with warm, soapy water. Rinse and squeeze dry. Leave to dry thoroughly before reinstalling 6. Reinstall the air filter back into the unit and replace the cover. 7. Reinstall the air filter unit back into the engine compartment and replace the maintenance cover. NOTE: Running the engine with a dirty, damaged or missing air filter element can result in danger to the operator and cause the engine to wear out prematurely. |