| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F24 bảng dữ liệu(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
F24 bảng dữ liệu(HTML) 36 Page - Renesas Technology Corp |
|
36 / 210 page ![]() RL78/F23, F24 2. PIN FUNCTIONS R01DS0446EJ0120 Rev.1.20 Page 36 of 207 Dec 31, 2025 Table 2-3. List of RL78/F23 Pins Other than Port Pins (2/5) Pin Function I/O Function Pin Count 80-pin 64-pin 48-pin 32-pin TI00 Input 16-bit timer 00 input √ √ √ √ TI01 Input 16-bit timer 01 input (8-bit mode available) √ √ √ √ TI02 Input 16-bit timer 02 input √ √ √ √ TI03 Input 16-bit timer 03 input (8-bit mode available) √ √ √ √ TI04 Input 16-bit timer 04 input √ √ √ √ TI05 Input 16-bit timer 05 input √ √ √ √ TI06 Input 16-bit timer 06 input √ √ √ √ TI07 Input 16-bit timer 07 input √ √ √ √ TI10 Input 16-bit timer 10 input √ √ √ √ TI11 Input 16-bit timer 11 input (8-bit mode available) √ √ √ √ TI12 Input 16-bit timer 12 input √ √ √ √ TI13 Input 16-bit timer 13 input (8-bit mode available) √ √ √ √ TO00 Output 16-bit timer 00 output √ √ √ √ TO01 Output 16-bit timer 01 output (8-bit mode available) √ √ √ √ TO02 Output 16-bit timer 02 output √ √ √ √ TO03 Output 16-bit timer 03 output (8-bit mode available) √ √ √ √ TO04 Output 16-bit timer 04 output √ √ √ √ TO05 Output 16-bit timer 05 output √ √ √ √ TO06 Output 16-bit timer 06 output √ √ √ √ TO07 Output 16-bit timer 07 output √ √ √ √ TO10 Output 16-bit timer 10 output √ √ √ √ TO11 Output 16-bit timer 11 output (8-bit mode available) √ √ √ √ TO12 Output 16-bit timer 12 output √ √ √ √ TO13 Output 16-bit timer 13 output (8-bit mode available) √ √ √ √ TRJIO0 I/O Timer RJ input/output √ √ √ √ TRJO0 Output Timer RJ output √ √ √ √ TRDCLK0 Input Timer RDe external clock input √ √ √ √ TRDIOA0 I/O Timer RDe0 input/output √ √ √ √ TRDIOB0 I/O √ √ √ √ TRDIOC0 I/O √ √ √ √ TRDIOD0 I/O √ √ √ √ TRDIOA1 I/O Timer RDe1 input/output √ √ √ √ TRDIOB1 I/O √ √ √ √ TRDIOC1 I/O √ √ √ √ TRDIOD1 I/O √ √ √ √ TRD0RES Input Timer RDe0 external timer counter clear trigger input √ √ √ √ TRD1RES Input Timer RDe1 external timer counter clear trigger input √ √ √ ⎯ |