| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78F651NAMS/NAMJ bảng dữ liệu(PDF) 28 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAMS/NAMJ bảng dữ liệu(HTML) 28 Page - ELAN Microelectronics Corp |
|
28 / 58 page ![]() EM78F651N 8-Bit Microcontroller 24 • Product Specification (V1.1) 10.20.2006 (This specification is subject to change without further notice) Table 7 Summary of Registers Initialized Values Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C57 C56 C55 C54 C53 C52 C51 C50 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC5 Wake-up from Pin Change P P P P P P P P Bit Name C67 C66 C65 C64 C63 C62 C61 C60 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC6 Wake-up from Pin Change P P P P P P P P Bit Name C77 - - - - - - - Power-on 1 U U U U U U U /RESET and WDT 1 P P P P P P P N/A IOC7 Wake-up from Pin Change P P P P P P P P Bit Name × /INT TS TE PAB PSR2 PSR1 PSR0 Power-on 1 0 1 1 1 1 1 1 /RESET and WDT 1 0 1 1 1 1 1 1 N/A CONT Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x00 R0 (IAR) Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x01 R1 (TCC) Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x02 R2 (PC) Wake-up from Pin Change *0/P *0/P *0/P *0/P *1/P *0/P *0/P *0/P |