| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78F651NAMS/NAMJ bảng dữ liệu(PDF) 23 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78F651NAMS/NAMJ bảng dữ liệu(HTML) 23 Page - ELAN Microelectronics Corp |
|
23 / 58 page ![]() EM78F651N 8-Bit Microcontroller Product Specification (V1.1) 10.20.2006 • 19 (This specification is subject to change without further notice) PCWR PCRD PDWR PDRD IOD 0 1 M U X PORT Q Q _ D D Q Q _ CLK P R C L CLK P R C L Note: Pull-down is not shown in the figure. Fig. 6-4 Port 5 and Port 7.0 I/O Port and I/O Control Register Circuit PCRD IOD PCWR PDWR PDRD Bit 6 of IOCE PORT P60 /INT T10 INT M U X 0 1 CLK CLK CLK CLK P P P P R R R R C L L L L C C C Q Q Q Q Q Q Q Q D D D D _ _ _ _ Note: Pull-high (down) and Open-drain are not shown in the figure. Fig. 6-5 (a) P60 (/INT) I/O Port and I/O Control Register Circuit |