công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC458 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện UPC458
Giải thích chi tiết về linh kiện  Low Noise Quad Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC458 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  UPC458 Datasheet HTML 1Page - Renesas Technology Corp UPC458 Datasheet HTML 2Page - Renesas Technology Corp UPC458 Datasheet HTML 3Page - Renesas Technology Corp UPC458 Datasheet HTML 4Page - Renesas Technology Corp UPC458 Datasheet HTML 5Page - Renesas Technology Corp UPC458 Datasheet HTML 6Page - Renesas Technology Corp UPC458 Datasheet HTML 7Page - Renesas Technology Corp UPC458 Datasheet HTML 8Page - Renesas Technology Corp UPC458 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC458, UPC4741
R03DS0126EJ0100 Rev.1.00
Page 2 of 8
Feb.27.25
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS
(TA = 25 °C)
Parameter
Symbol
UPC458G2
UPC458G2(5)
UPC4741G2
UPC4741G2(5)
Unit
Voltage between V + and V - Note 1 V + - V -
-0.3 ~ +40
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Power Dissipation Note 4
PT
550
mW
Output Short Circuit Duration Note 5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when
the both inputs are within the Common Mode Input Voltage Range of electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external without
damage or destructive. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics.
4. Thermal derating factor is -5.5 mW/°C when operating ambient temperature is higher than 25 °C.
5. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings and Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
V ±
±4
±16
V
Q3
Q2
IN
Q4
Q1
II
R3
Q7
D1
Q11
R4
Q10
Q8
Q9
Q5
R1
Q12
R5
Q13
Q15
Q14
OUT
V -
Q16
V +
R2
R7
R6
R8 D2
C1
Q6
µPC458G2, μPC4741G2
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14 OUT4
13 II4
12 IN4
7
OUT2
6
II2
5
IN2
8 OUT3
II3
10 IN3
1
- +
- +
2
4
+ -
9
+ -
3
UPC458G2, UPC4741G2



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com