công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC458 bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện UPC458
Giải thích chi tiết về linh kiện  Low Noise Quad Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC458 bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

  UPC458 Datasheet HTML 1Page - Renesas Technology Corp UPC458 Datasheet HTML 2Page - Renesas Technology Corp UPC458 Datasheet HTML 3Page - Renesas Technology Corp UPC458 Datasheet HTML 4Page - Renesas Technology Corp UPC458 Datasheet HTML 5Page - Renesas Technology Corp UPC458 Datasheet HTML 6Page - Renesas Technology Corp UPC458 Datasheet HTML 7Page - Renesas Technology Corp UPC458 Datasheet HTML 8Page - Renesas Technology Corp UPC458 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UPC458, UPC4741
R03DS0126EJ0100 Rev.1.00
Page 7 of 8
Feb.27.25
USE WITH PRECAUTIONS
• Managing unused circuits
If there is an unused circuit, the following connection is recommended.
• Power Supply (Dual Power Supply / Single Power Supply)
The op amp operates when a predetermine voltage is applied between V + - V - . Therefore, while it operates from
a single power supply (V - = GND), it is not possible to operate the input and output near GND. So please be careful of
the common-mode input voltage range and maximum output voltage.
• Ratings of input/output pin voltage
When the voltage of input/output pin exceeds the absolute maximum rating, the parasitic diode within the IC may conduct,
causing characteristics degradation or damage. In addition, if the input pin is lower than V −, or the output pin exceeds
the power supply voltage, it is recommended to make a clamping circuit using a diode with low forward voltage (e.g.:
Schottky diode) as protection.
• Range of common-mode input voltage
When the supply voltage does not meet the condition of electrical characteristics, the range of common-mode input
voltage is as follows.
VICM (TYP.): V − +1 ~ V + -1 [
V] (TA = 25 °C).
During designing, do include some margin by considering characteristics variation temperature characteristics etc.
• Maximum output voltage
The TYP. value range of the maximum output voltage when the supply voltage does not meet the condition of electrical
characteristics is as follows:
Vom + (TYP.) : V + -1.3 [V] (TA = 25 °C), Vom - (TYP.) : V - +1.3 [V] (TA = 25 °C)
During designing, do include some tolerance by considering characteristics variation, temperature characteristics and
so on. In addition, also note that the output voltage range (Vom+ − Vom−) will become narrow when the output current
increases.
• Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuate due to
piezoelectric (piezo) effect. Therefore, pay attention to warpage or bending of a board.
V -
+
-
V -
V +
V +
R
R
同相入力電圧範囲
(VICM) 内の電位へ
Example of unused circuit process
To potentials within
the range of
common-mode input
voltage (VICM)
Remark: In this example, an intermediate potential between V + and V - is applied.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com