công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO5090AXM10 bảng dữ liệu(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO5090AXM10
Giải thích chi tiết về linh kiện  Auto Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5090AXM10 bảng dữ liệu(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5090AXM10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev 1.2
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO5090X• Rev.1.2
DIO5090X
1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery
Charger With Auto Start
Features
Input Rating of 32V
Input Overvoltage Protection with 6.5V
Input Voltage Dynamic Power Management
10% Charge Current Accuracy
1% Charge Voltage Accuracy
Pin ISET2 can select 100mA or 500mA
Maximum Input Current Limit
Programmable Termination and Trickle
Threshold
Fixed 10 Hour Safety Timer
Status Indication – Charging/Done
Integrated Auto Start Function for Production
125°C Thermal Regulation
150°C Thermal Shutdown Protection
BAT Short-Circuit Protection
Charge Solutions for JEITA
(DIO5090A):
1. No charge at ‘Temp>50°C’ & ‘Temp<0°C’;
2. 0.2*CC (Constant-Current) Temp at 0~10°C;
3. Constant-Current Temp at 10~45°C;
4. 0.5*CC & BAT voltage = VBAT-0.1 Temp at
45~50°C.
(DIO5090B, DIO5090D):
1. No charge at ‘Temp>45°C’ & ‘Temp<0°C’;
2. 0.2*CC (Constant-Current) Temp at 0~10°C;
3. Constant-Current Temp at 10~45°C.
4. DIO5090D has dedicated BAT_V pin for
battery voltage sense.
Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack With
Thermistor
Package: EP-MSOP10
Descriptions
DIO5090X is highly integrated lithium ion and
lithium polymer linear chargers, suitable for
portable applications with limited space. The
device is powered by a USB port or AC adapter.
The high input voltage range with input
overvoltage
protection
supports
low-cost,
unregulated adapters.
DIO5090X has a single power output and can
charge batteries. If the average system load fails
to charge the battery during the 10-hour safety
timer, the system load can be connected in
parallel with the battery.
The device has three stages for charging a Li-Ion
battery: regulation, constant current and constant
voltage. In all charging stages, IC junction
temperature is monitored by the internal control
loop. When the charging current exceeds the
internal temperature threshold, the internal
control loop will reduce the charging current.
The charger power level and charging current
induction function are fully integrated. The
charger has high precision current and voltage
regulation circuit function, charging status
display,
charging
termination
function.
Trickle-charge current and terminal current
threshold can be programmed by external
resistance on DIO5090X. The value of constant
current can also be programmed by an external
resistance.
Applications
Low-Power Handheld Devices
Smart Phones
MP3 Players
PDAs


Số phần tương tự - DIO5090AXM10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DIOO MICROCIRCUITS CO.,...
DIO5090C DIOO-DIO5090C Datasheet
569Kb / 20P
Auto Start
Rev 1.1
DIO5090CXM10 DIOO-DIO5090CXM10 Datasheet
569Kb / 20P
Auto Start
Rev 1.1
More results

Mô tả tương tự - DIO5090AXM10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
ON Semiconductor
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Schneider Electric
XCSRC11AM12 SCHNEIDER-XCSRC11AM12 Datasheet
288Kb / 11P
Safety RFID contactless switch-Standalone model-EDMAuto Start-Unique pairing
Feb 8, 2021
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com