công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO5090AXM10 bảng dữ liệu(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO5090AXM10
Giải thích chi tiết về linh kiện  Auto Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5090AXM10 bảng dữ liệu(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5090AXM10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5090AXM10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DIO5090X
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO5090X• Rev.1.2
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO5090AXM10
DEV9VA
Green
-40 to 85°C
EP-MSOP10
Tape & Reel, 3000
DIO5090BXM10
DEV9VB
Green
-40 to 85°C
EP-MSOP10
Tape & Reel, 3000
DIO5090DXM10
DEV9VD
Green
-40 to 85°C
EP-MSOP10
Tape & Reel, 3000
Pin Assignment
EP-MSOP10
DIO5090A/B
DIO5090D
Figure 1. Top View
Pin Descriptions
Name
Description
IN
Input power, connected to external DC supply (AC adapter or USB port). Expected range
of bypass capacitors 1μF to 10μF, connect from IN to VSS.
ISET
Programs the constant charge current setting. External resistor from ISET to VSS defines
constant charge current value. Range is 9kΩ (50mA) to 0.45kΩ (1000mA).
ISET2
Programming the Input / Output Current Limit for the USB or Adaptor source:
High = 500mA max, Low = ISET, FLOAT = 100mA max.
VSS
Ground.
PRE TERM
Programs the Current Termination Threshold (10 to 40% of IBAT which is set by ISET)
and Sets the Trickle Current to twice the Termination Current Level. Expected range of
programming resistor is 1k to 5.1kΩ (2k: 0.12*CC for term; 0.24*CC for Trickle Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com