công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO5090C bảng dữ liệu(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO5090C
Giải thích chi tiết về linh kiện  Auto Start
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5090C bảng dữ liệu(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5090C Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DIO5090C
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO5090C • Rev.1.1
- 2 -
Ordering Information
Order Part Number
Top Marking
TA
Package
DIO5090CXM10
DEV9VC
Green
-40 to 85°C
EP-MSOP10
Tape & Reel, 3000
Pin Assignment
Figure 1. Top View
Pin Descriptions
Name
Description
IN
Input power, connected to external DC supply (AC adapter or USB port). Expected range of bypass
capacitors 1μF to 10μF, connect from IN to VSS.
ISET
Programs the constant charge current setting. External resistor from ISET to VSS defines constant
charge current value. Range is 9kΩ (50mA) to 0.45kΩ (1000mA).
ISET2
Programming the Input / Output Current Limit for the USB or Adaptor source:
High = 500mA max, Low = ISET, FLOAT = 100mA max.
VSS
Ground.
PRE TERM
Programs the Current Termination Threshold (10 to 40% of IBAT which is set by ISET) and Sets
the Trickle Current to twice the Termination Current Level. Expected range of programming resistor
is 1k to 5.1kΩ (2k: 0.12*CC for term; 0.24*CC for Trickle Current)
/PG
Low (FET on) indicates the input voltage is above UVLO and the BAT (battery) voltage.
NC
No Connect.
/CHG
Low (FET on) indicates charging and Open Drain (FET off) indicates no Charging or Charge
complete.
TS
Temperature sense terminal connected to DIO5090C -10k at 25°C NTC thermistor, in the battery
pack. Floating terminal or pulling High puts part in TTDM “Charger” Mode and disable TS
monitoring, Timers and Termination. Pulling terminal Low disables the IC. If NTC sensing is not
needed, connect this terminal to VSS through an external 10 kΩ resistor. A 250kΩ from TS to
ground will prevent IC entering TTDM mode when battery with thermistor is removed.
BAT
Battery Connection. System Load may be connected. Expected range of bypass capacitors 1μF
1
2
3
4
5
9
7
6
10
BAT
TS
ISET2
NC
IN
ISET
/PG
VSS
PRETERM
8
/CHG
VSS
(Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com