công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO5090C bảng dữ liệu(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

tên linh kiện DIO5090C
Giải thích chi tiết về linh kiện  Auto Start
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOO [DIOO MICROCIRCUITS CO., LTD]
Trang chủ  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5090C bảng dữ liệu(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5090C Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO5090C Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DIO5090C
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO5090C • Rev.1.1
- 12 -
PRE_TERM – Trickle-Charge and Termination Programmable Threshold
Pre-Term is used to program both the Trickle-charge current and the termination current threshold. The trickle-
charge current level is a factor of two higher than the termination current level. The termination can be set
between 5 and 50% of the programmed output current level set by ISET. If left floating the termination and trickle
are set internally at 10/20% respectively. The trickle-charge-to-constant-charge, VLOWV threshold is set to 2.5V.
ITrickle = (100uA*RPRE_TERM/1)*IBAT
(2)
ITERM = (50uA*RPRE_TERM/1)*IBAT +10mA
(3)
Where:
• ITERM is the termination current;
• ITrickle is the trickle current;
• RPRE_TERM is trickle & terminal resistor.
ISET2
Is a 3-state input and programs the Input Current Limit /Regulation Threshold. A low will program a regulated
constant charge current via the ISET resistor and is the maximum allowed input/output current for any ISET2
setting. Float will program a 100mA Current limit and High will program a 500mA Current limit.
TS
The TS function is designed to follow the new JEITA temperature standard for Li-Ion and Li-Pol batteries. There
are now four thresholds 55°C, 45°C, 10°C, and 0°C.
Normal operation occurs between 10°C and 45°C. If between 0°C and 10°C the charge current level is 0.5*IBAT
and if between 45°C and 55°C the regulation voltage is reduced to VBAT-0.1V. If less than 0°C or more than
55°C, the charging current is disable.
The TS feature is implemented using an internal 50μA current source to bias the thermistor designed for use
with a 10k NTC(recommend CN0402R103B3435FB from Sensicom Electronics Technology CO.) connected
from the TS terminal to VSS. If this feature is not needed, a fixed 10kΩ can be placed between TS and VSS to
allow normal operation. This may be done if the host is monitoring the thermistor and then the host would
determine when to pull the TS terminal low to disable charge.
The TS terminal has two additional features, when the TS terminal is pulled low or floated/driven high. A low
disables charge and a high puts the charger in TTDM.
Termination and Timer Disable Mode (TTDM) - TS Terminal High
The battery charger is in TTDM when the TS terminal goes high from removing the thermistor (removing battery
pack/ floating the TS terminal) or by pulling the TS terminal up to the TTDM threshold. When entering TTDM,
the 10 hour safety timer is held in reset and termination is disabled. The charging profile does not change (still
has trickle-charge, constant current charge and constant voltage modes). This implies the battery is still charged
safely and the current is allowed to taper to zero.
Timers
The trickle-charge timer is set to 30 minutes. The trickle-charge current, can be programmed to off-set any
system load, making sure that the 30 minutes is adequate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com