công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B95G bảng dữ liệu(PDF) 25 Page - Holtek Semiconductor Inc

tên linh kiện HT9B95G
Giải thích chi tiết về linh kiện  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95G bảng dữ liệu(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT9B95G Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 25Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 26Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 27Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 28Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Rev. 1.10
25
November 25, 2015
HT9B95A/B/G
Display Quality or Operating Current (Power Save Mode) Setting
Reduce operating
current or enhance
display quality.
Start
1. Please select Frame rate from 80, 71, 64, 50Hz
according to LCD panel characteristic.
2. A type inversion
3. High current mode
Display
quality
Operating
current
1. Operating current decreases in order of
80Hz à 71Hz à64Hz à 50Hz
2. B type inversion
3. Low Current 2 mode
Screen Flicker?
1. Operating current decreases in order of
80Hz à 71Hz à64Hz à 50Hz
2. B type inversion
3. Low Current 1 mode
1. Please select Frame rate from 80, 71, 64, 50Hz
according to LCD panel characteristic.
2. B type inversion
3. Low Current 2 mode
No
YES
Screen Flicker?
1. Operating current decreases in order of
80Hz à 71Hz à64Hz à 50Hz
2. B type inversion
3. Normal Current mode
1. Please select Frame rate from 80, 71, 64, 50Hz
according to LCD panel characteristic.
2. B type inversion
3. Low Current 1 mode
No
YES
Screen Flicker?
1. Operating current decreases in order of
80Hz à 71Hz à64Hz à 50Hz
2. B type inversion
3. High Current mode
1. Please select Frame rate from 80, 71, 64, 50Hz
according to LCD panel characteristic.
2. B type inversion
3. Normal Current mode
No
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com