| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT9B95G bảng dữ liệu(PDF) 12 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9B95G bảng dữ liệu(HTML) 12 Page - Holtek Semiconductor Inc |
|
12 / 32 page ![]() Rev. 1.10 12 November 25, 2015 HT9B95A/B/G LCD Bias Generator The max voltage level of the LCD driving voltage named as V0 can be adjusted through the LVA command setting. The full-scale LCD voltage, VOP, is obtained from (V0-VSS). Fractional LCD biasing voltages, known as 1/3 or 1/4 bias voltage, are obtained from an internal voltage divider several of series resistors connected between VLCD and VSS. Certain resistors can be switched out of circuits to pro- ertain resistors can be switched out of circuits to pro- resistors can be switched out of circuits to pro- s can be switched out of circuits to pro- can be switched out of circuits to pro- switched out of circuits to pro- switched out of circuits to pro- s to pro- to pro- vide a 1/3 or 1/4 bias voltage level configuration. LCD Drive Mode Waveforms • When the LCD drive mode is selected as 1/4 duty and 1/3 bias, the waveform and LCD display is shown as follows: SEG n+2 SEG n+2 SEG n SEG n COM0 COM0 COM1 COM1 State1 (on) State1 (on) State2 (off) State2 (off) tLCD COM2 COM2 SEG n+3 SEG n+3 COM3 COM3 SEG n+1 SEG n+1 V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS A Type inversion A Type inversion SEG n+2 SEG n+2 SEG n SEG n COM0 COM0 COM1 COM1 tLCD COM2 COM2 SEG n+3 SEG n+3 COM3 COM3 SEG n+1 SEG n+1 V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS B Type inversion B Type inversion V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS V0 V0 2Vop/3 2Vop/3 Vop/3 Vop/3 VSS VSS LCD status LCD status Waveforms for 1/4 duty drive mode with 1/3 bias (VOP=V0-VSS) Note: tLCD=1/fLCD |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |