công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B95G bảng dữ liệu(PDF) 18 Page - Holtek Semiconductor Inc

tên linh kiện HT9B95G
Giải thích chi tiết về linh kiện  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95G bảng dữ liệu(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT9B95G Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Rev. 1.10
18
November 25, 2015
HT9B95A/B/G
Command Summary
The overall commands are summarized in this section.
Note that the bit 7 denoted as “C” in the individual
command here is the selection bit which is used to
determine that the next byte is the display RAM data
or command byte.
C bit
Description
0
Next byte is Display RAM data
1
Next byte is command
Command
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Function description
Display RAM
Address setting
C
0
A5
A4
A3
A2
A1
A0
The display RAM address and
command register setting.
LCD driving Voltage
Adjustment (LVA)
C
1
0
LV4
LV3
LV2
LV1
LV0 Adjust the maximum voltage
level of LCD driving voltage.
Display control
C
1
1
0
FR1
FR0
PS1
PS0 Frame frequency setting and
power save mode setting
Drive mode setting
and software reset
C
1
1
1
0
W
SR
D
LCD drive waveform select,
display ON/OFF setting and
software reset
All pixel control
setting
C
1
1
1
1
0
AP1
AP0 All pixel control setting
Duty and Bias
setting
C
1
1
1
1
1
0
DB Duty and bias setting
Note: The “Duty and Bias setting” command is available in the HT9B95B and HT9B95G device.
Display RAM Address Setting Command
This command is used to define the accessed address of the display RAM or command register.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Note
Address Pointer
C
0
A5
A4
A3
A2
A1
A0
Display RAM memory start address
or Command register address.
Note:
• The display RAM address range is dependent upon the selected device with different duty setting.
Part No.
Duty
Maximum Available Address
HT9B95A
1/8
22H
HT9B95B
HT9B95G
1/4
15H
1/8
26H
• The command register address is dependent upon the selected device.
Part No.
Command Register 1 Address
Command Register 2 Address
HT9B95A
23H
24H
HT9B95B
HT9B95G
27H
28H
• Power on status: the address will be set to 00H
• If the programmed command is not defined, the function will not be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com