công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT9B95G bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc

tên linh kiện HT9B95G
Giải thích chi tiết về linh kiện  RAM Mapping 39×8 / 43×4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95G bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9B95G Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95G Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Rev. 1.10
14
November 25, 2015
HT9B95A/B/G
I2C Serial Interface
I2C Operation
The device supports I2C serial interface. The I2C bus
is for bidirectional, two-line communication between
different ICs or modules. The two lines are a serial
data line, SDA, and a serial clock line, SCL. Both
lines are connected to the positive supply via pull-up
resistors with a typical value of 4.7kΩ. When the bus
is free, both lines are high. Devices connected to the
bus must have open-drain or open-collector outputs
to implement a wired-or function. Data transfer is
initiated only when the bus is not busy.
Data Validity
The data on the SDA line must be stable during the
high period of the serial clock. The high or low state
of the data line can only change when the clock signal
on the SCL line is Low as shown in the diagram.
START and STOP Conditions
• A high to low transition on the SDA line while SCL
is high defines a START condition.
• A low to high transition on the SDA line while SCL
is high defines a STOP condition.
• START and STOP conditions are always generated
by the master. The bus is considered to be busy after
the START condition. The bus is considered to be
free again a certain time after the STOP condition.
• The bus stays busy if a repeated START (Sr) is
generated instead of a STOP condition. In some
respects, the START(S) and repeated START (Sr)
conditions are functionally identical.
P
S
SDA
SCL
SDA
SCL
START condition
STOP condition
Byte Format
Every byte put on the SDA line must be 8-bit long.
The number of bytes that can be transmitted per
transfer is unrestricted. Each byte has to be followed
by an acknowledge bit. Data is transferred with the
most significant bit, MSB, first.
S
or
Sr
P
or
Sr
SDA
SCL
1
2
7
8
9
ACK
1
2
3-8
9
ACK
P
Sr
Acknowledge
• Each bytes of eight bits is followed by one
acknowledge bit. This Acknowledge bit is a low
level placed on the bus by the receiver. The master
generates an extra acknowledge related clock
pulse.
• A slave receiver which is addressed must generate
an Acknowledge, ACK, after the reception of each
byte.
• The device that acknowledges must pull down the
SDA line during the acknowledge clock pulse so
that it remains stable low during the high period of
this clock pulse.
• A master receiver must signal an end of data to the
slave by generating a not-acknowledge, NACK,
bit on the last byte that has been clocked out of
the slave. In this case, the master receiver must
leave the data line high during the 9th pulse to not
acknowledge. The master will generate a STOP or
repeated START condition.
S
1
2
7
8
9
clock pulse for
acknowledgement
Data Output
by Transmitter
Data Outptu
by Receiver
SCL From
Master
acknowledge
not acknowledge
START
condition
Slave Addressing
• The slave address byte is the first byte received
following the START condition form the master
device. The first seven bits of the first byte make
up the slave address. The eighth bit defines a read
or write operation to be performed. When the R/W
bit is “1”, a read operation is selected. When the R/
W bit is “0”, a write operation is selected.
• The HT9B95 device address bits are “0111110”.
When an address byte is sent, the device compares
the first seven bits after the START condition. If
they match, the device outputs an Acknowledge on
the SDA line.
Slave Address
0
1
1
1
1
1
0
MSB
LSB
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com