| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C8051F310 bảng dữ liệu(PDF) 40 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F310 bảng dữ liệu(HTML) 40 Page - Silicon Laboratories |
|
40 / 228 page ![]() C8051F310/1/2/3/4/5/6/7 40 Rev. 1.7 P1.5 21 17 13 D I/O or A In Port 1.5. See Section 13 for a complete description. P1.6 20 16 D I/O or A In Port 1.6. See Section 13 for a complete description. P1.7 19 15 D I/O or A In Port 1.7. See Section 13 for a complete description. P2.0 18 14 12 D I/O or A In Port 2.0. See Section 13 for a complete description. P2.1 17 13 11 D I/O or A In Port 2.1. See Section 13 for a complete description. P2.2 16 12 10 D I/O or A In Port 2.2. See Section 13 for a complete description. P2.3 15 11 9 D I/O or A In Port 2.3. See Section 13 for a complete description. P2.4 14 10 8 D I/O or A In Port 2.4. See Section 13 for a complete description. P2.5 13 9 7 D I/O or A In Port 2.5. See Section 13 for a complete description. P2.6 12 8 D I/O or A In Port 2.6. See Section 13 for a complete description. P2.7 11 7 D I/O or A In Port 2.7. See Section 13 for a complete description. P3.1 7 D I/O or A In Port 3.1. See Section 13 for a complete description. P3.2 8 D I/O or A In Port 3.2. See Section 13 for a complete description. P3.3 9 D I/O or A In Port 3.3. See Section 13 for a complete description. P3.4 10 D I/O or A In Port 3.4. See Section 13 for a complete description. Table 4.1. Pin Definitions for the C8051F31x (Continued) Name Pin Numbers Type Description ‘F310/2/4 ‘F311/3/5 ‘F316/7 |