| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C8051F310 bảng dữ liệu(PDF) 114 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F310 bảng dữ liệu(HTML) 114 Page - Silicon Laboratories |
|
114 / 228 page ![]() C8051F310/1/2/3/4/5/6/7 114 Rev. 1.7 The level of Flash security depends on the Flash access method. The three Flash access methods that can be restricted are reads, writes, and erases from the C2 debug interface, user firmware executing on unlocked pages, and user firmware executing on locked pages. Table 10.2 summarizes the Flash security features of the C8051F31x devices. Table 10.2. Flash Security Summary Action C2 Debug Interface User Firmware executing from: an unlocked page a locked page Read, Write or Erase unlocked pages (except page with Lock Byte) Permitted Permitted Permitted Read, Write or Erase locked pages (except page with Lock Byte) Not Permitted Flash Error Reset Permitted Read or Write page containing Lock Byte (if no pages are locked) Permitted Permitted Permitted Read or Write page containing Lock Byte (if any page is locked) Not Permitted Flash Error Reset Permitted Read contents of Lock Byte (if no pages are locked) Permitted Permitted Permitted Read contents of Lock Byte (if any page is locked) Not Permitted Flash Error Reset Permitted Erase page containing Lock Byte (if no pages are locked) Permitted Flash Error Reset Flash Error Reset Erase page containing Lock Byte - Unlock all pages (if any page is locked) C2 Device Erase Only Flash Error Reset Flash Error Reset Lock additional pages (change '1's to '0's in the Lock Byte) Not Permitted Flash Error Reset Flash Error Reset Unlock individual pages (change '0's to '1's in the Lock Byte) Not Permitted Flash Error Reset Flash Error Reset Read, Write or Erase Reserved Area Not Permitted Flash Error Reset Flash Error Reset C2 Device Erase - Erases all Flash pages including the page containing the Lock Byte. Flash Error Reset - Not permitted; Causes Flash Error Device Reset (FERROR bit in RSTSRC is '1' after reset). - All prohibited operations that are performed via the C2 interface are ignored (do not cause device reset). - Locking any Flash page also locks the page containing the Lock Byte. - Once written to, the Lock Byte cannot be modified except by performing a C2 Device Erase. - If user code writes to the Lock Byte, the Lock does not take effect until the next device reset. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |