công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IBZ bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện ICL3232IBZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 19 of 36
Apr.26.19
The time to recover from automatic powerdown mode is typically 100µs.
4.6
Receiver ENABLE Control (ICL3221/22/23/41 Only)
ICL3221, ICL3222, ICL3223, and ICL3241 also feature an EN input to control the receiver outputs. Driving EN
high disables all the inverting (standard) receiver outputs placing them in a high impedance state, which is useful
to eliminate supply current, due to a receiver output forward biasing the protection diode, when driving the input of
a powered down (VCC = GND) peripheral (See Figure 8 on page 17). The enable input has no effect on
transmitter nor monitor (ROUTB) outputs.
4.7
Capacitor Selection
The charge pumps require 0.1µF capacitors for 3.3V operation. For other supply voltages see Table 6 for
capacitor values. Do not use values smaller than those listed in Table 6. Increasing the capacitor values (by a
factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption. C2, C3, and C4 can
be increased without increasing C1’s value; however, do not increase C1 without also increasing C2, C3, and C4 to
maintain the proper ratios (C1 to the other capacitors).
When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal value. The capacitor’s Equivalent Series Resistance
(ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-.
4.8
Power Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
4.9
Operation Down to 2.7V
ICL32xx transmitter outputs meet RS-562 levels (±3.7V), at full data rate, with VCC as low as 2.7V. RS-562 levels
typically ensure interoperability with RS-232 devices.
Figure 13. Automatic Powerdown and INVALID Timing Diagrams
Table 6.
Required Capacitor Values
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.1
0.47
Receiver
Inputs
Transmitter
Outputs
INVALID
Output
V+
VCC
0
V-
VCC
0
tINVL
tINVH
Invalid
Region
}
AUTOPWDN
PWR UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com