công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IBZ bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ICL3232IBZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
2. Specifications
FN4805 Rev.23.00
Page 11 of 36
Apr.26.19
Input Resistance
25
3
5
7
kΩ
Transmitter Outputs
Output Voltage Swing
All Transmitter Outputs Loaded with 3kΩ to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
W
Output Short-Circuit Current
Full
-
±35
±60 mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V
Automatic Powerdown or FORCEOFF =SHDN =GND
Full
-
-
±25
µA
Mouse Driveability (ICL324X Only)
Transmitter Output Voltage
(See Figure 15)
T1IN =T2IN = GND, T3IN =VCC, T3OUT loaded with 3kΩ to
GND, T1OUT and T2OUT loaded with 2.5mA each
Full
±5
-
-
V
Timing Characteristics
Maximum Data Rate
RL =3kΩ, CL = 1000pF, one transmitter switching
Full
250
500
-
kbp
s
Receiver Propagation Delay
Receiver input to receiver output,
CL = 150pF
tPHL
25
-
0.3
-
µs
tPLH
25
-
0.3
-
µs
Receiver Output Enable Time
Normal operation (except ICL3232)
25
-
200
-
ns
Receiver Output Disable Time
Normal operation (except ICL3232)
25
-200
-
ns
Transmitter Skew
tPHL - tPLH
Full
-
200
100
0
ns
Receiver Skew
tPHL - tPLH
Full
-
100
500
ns
Transition Region Slew Rate
VCC =3.3V,
RL =3kΩ to 7kΩ,
Measured from 3V to -3V or -3V
to 3V
CL = 200pF to 2500pF
25
4
8.0
30
V/µ
s
CL = 200pF to 1000pF
25
6
-
30
V/µ
s
ESD Performance
RS-232 Pins (TOUT, RIN)
Human Body Model
ICL3221 - ICL3243
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge ICL3221 - ICL3243
25
-
±8
-
kV
IEC61000-4-2 Air Gap Discharge ICL3221 - ICL3232
25
-
±8
-
kV
ICL3241 - ICL3243
25
-
±6
-
kV
All Other Pins
Human Body Model
ICL3221 - ICL3243
25
-
±2
-
kV
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; unless otherwise specified. Typicals are at TA = 25°C (Continued)
Parameter
Test Conditions
Tem
p
(°C)
Min
Typ
Max
Uni
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com