công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IBZ bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện ICL3232IBZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 15 of 36
Apr.26.19
The ICL3221/22/23/41 inverting receivers disable only when EN is driven high. ICL3243 receivers disable during
forced (manual) powerdown, but not during automatic powerdown (See Table 5).
ICL324X monitor receivers remain active even during manual powerdown and forced receiver disable, making
them extremely useful for Ring Indicator monitoring. Standard receivers driving powered down peripherals must
be disabled to prevent current flow through the peripheral’s protection diodes (See Figures 8 and 9). When
disabled, the receivers cannot be used for wake up functions, but the corresponding monitor receiver can be
dedicated to this task as shown in Figure 9 on page 17.
4.4
Low Power Operation
The 3V devices require a nominal supply current of 0.3mA, even at VCC = 5.5V, during normal operation (not in
powerdown mode), which is considerably less than the 5mA to 11mA current required by comparable 5V RS-232
devices, allowing you to reduce system power simply by switching to this new family.
4.5
Powerdown Functionality (Except ICL3232)
The already low current requirement drops significantly when the device enters powerdown mode. In
power-down, supply current drops to 1µA, because the on-chip charge pump turns off (V+ collapses to VCC,
V- collapses to GND), and the transmitter outputs three-state. Inverting receiver outputs may disable in
power-down; see Table 5 for details. This micro-power mode makes these devices ideal for battery powered and
portable applications.
4.5.1 Software Controlled (Manual) Powerdown
Most devices in the ICL32xx family provide pins that allow you to force the IC into the low power, standby state.
On the ICL3222 and ICL3241, the powerdown control is using a simple shutdown (SHDN) pin. Driving this pin
high enables normal operation, and driving it low forces the IC into its powerdown state. Connect SHDN to VCC if
the powerdown function is not needed. Note that all the receiver outputs remain enabled during shutdown (See
Table 5). For the lowest power consumption during powerdown, the receivers should also be disabled by driving
the EN input high (See next section, and Figures 8 and 9).
The ICL3221, ICL3223, and ICL3243 use a two pin approach where the FORCEON and FORCEOFF inputs
determine the IC’s mode. For always enabled operation, FORCEON and FORCEOFF are both strapped high.
Under logic or software control, only the FORCEOFF input needs to be driven to switch between active and
powerdown modes. The FORCEON state is not critical because FORCEOFF overrides FORCEON. However, if
strictly manual control over powerdown is needed, you must strap FORCEON high to disable the automatic
power-down circuitry. ICL3243 inverting (standard) receiver outputs also disable when the device is in manual
powerdown, thereby eliminating the possible current path through a shutdown peripheral’s input protection diode
(See Figures 8 and 9).
Figure 7. Inverting Receiver Connections
Table 5.
Powerdown and Enable Logic Truth Table
RS-232
Signal Present at
Receiver Input?
FORCEOFF
or SHDN
Input
FORCEON
Input
EN
Input
Transmitter
Outputs
Receiver
Outputs
ROUTB
Outputs
(Note 6)
INVALID
Output
Mode of Operation
ICL3222, ICL3241
N.A.
L
N.A.
L
High-Z
Active
Active
N.A.
Manual Powerdown
N.A.
L
N.A.
H
High-Z
High-Z
Active
N.A.
Manual Powerdown w/Rcvr.
Disabled
N.A.
H
N.A.
L
Active
Active
Active
N.A.
Normal Operation
RXOUT
GND ≤ VROUT ≤ VCC
5kΩ
RXIN
-25V ≤ VRIN ≤ +25V
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com