công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IAZ bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp

tên linh kiện ICL3232IAZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IAZ bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp

Back Button ICL3232IAZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 23Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 24Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 25Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 26Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 27Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
6. Revision History
FN4805 Rev.23.00
Page 24 of 36
Apr.26.19
6.
Revision History
Rev.
Date
Description
23
Apr 26, 2019
Updated to latest formatting.
Added Related Literature section.
Updated Ordering information table by adding active tape and reel information, updated notes, adding note 3,
removed retired parts, and stamped EOL parts.
Added “Charge Pump Absolute Maximum Ratings” on page 13.
Removed About Intersil section.
Updated M16.15 to the latest revision changes are as follows:
Update graphics to new standard layout, removing the dimension table.
Updated disclaimer.
22
Sep 1, 2015
- Ordering Information Table on page 2.
- Added Revision History.
- Added About Intersil Verbiage.
- Updated POD M16.173 to latest revision changes are as follow:
Convert to new POD format by moving dimensions from table onto drawing and adding land pattern. No
dimension changes.
- Updated POD M20.173 to most current version changes are as follow:
Convert to new POD format by moving dimensions from table onto drawing and adding land pattern. No
dimension changes.
- Updated POD M28.173 to most current version changes are as follow:
Convert to new POD format by moving dimensions from table onto drawing and adding land pattern. No
dimension changes.
-Updated POD M28.3 to most current version change is as follows:
Added land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com