công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IAZ bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ICL3232IAZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IAZ bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ICL3232IAZ Datasheet HTML 2Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 3Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 4Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 5Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 6Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 7Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 8Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
1. Overview
FN4805 Rev.23.00
Page 6 of 36
Apr.26.19
1.3
Pin Configurations
ICL3243CAZ (No longer available,
recommended replacement:
ICL3243ECAZ)
ICL3243CAZ
0 to 70
-
28 Ld SSOP
M28.209
ICL3243CBZ
ICL3243CBZ
0 to 70
-
28 Ld SOIC
M28.3
ICL3243CBZ-T
ICL3243CBZ
0 to 70
1k
28 Ld SOIC
M28.3
ICL3243CVZ (No longer available,
recommended replacement:
ICL3243ECVZ)
ICL3243CVZ
0 to 70
-
28 Ld TSSOP
M28.173
ICL3243IAZ (No longer available,
recommended replacement:
ICL3243EIAZ)
ICL3243IAZ
-40 to 85
-
28 Ld SSOP
M28.209
Notes:
1. See TB347 for details about reel specifications.
2. Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J-STD-020.
3. For Moisture Sensitivity Level (MSL), see the ICL3221, ICL3222, ICL3223, ICL3232, ICL3241,and ICL3243 device pages. For more
information about MSL, see TB363.
Table 1.
Summary of Features
Part Number
No. of Tx.
No. of Rx.
No. of Monitor
Rx. (ROUTB)
Data Rate
(kbps)
Rx. Enable
Function?
Ready
Output?
Manual
Power- Down?
Automatic
Powerdown
Function?
ICL3221
1
1
0
250
Yes
No
Yes
Yes
ICL3222
2
2
0
250
Yes
No
Yes
No
ICL3223
2
2
0
250
Yes
No
Yes
Yes
ICL3232
2
2
0
250
No
No
No
No
ICL3241
3
5
2
250
Yes
No
Yes
No
ICL3243
3
5
1
250
No
No
Yes
Yes
ICL3221 (SSOP, TSSOP)
Top View
ICL3222 (SOIC)
Top View
Part Number (Notes 2, 3)
Part Marking Temp. Range (°c)
Tape and Reel
(Units) (Note 1)
Package
(RoHS Compliant)
Pkg. Dwg. #
EN
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T2IN
VCC
T1IN
R2OUT
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com