công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICL3232IAZ bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp

tên linh kiện ICL3232IAZ
Giải thích chi tiết về linh kiện  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IAZ bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp

Back Button ICL3232IAZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 22Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 23Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 24Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 25Page - Renesas Technology Corp ICL3232IAZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 22 of 36
Apr.26.19
4.14 Pin Compatible Replacements For 5V Devices
The ICL3221/22/32 are pin compatible with existing 5V RS-232 transceivers (see the “Features” on page 1 for
details), which coupled with the low ICC and wide operating supply range, make the ICL32xx potential lower
power, higher performance, drop-in replacements for existing 5V applications. As long as the ±5V RS-232 output
swings are acceptable, and transmitter input pull-up resistors are not required, the ICL32xx should work in most
5V applications.
When replacing a device in an existing 5V application, it is acceptable to terminate C3 to VCC as shown on the
“Typical Operating Circuits” on page 3. Terminate C3 to GND if possible, as slightly better performance results
from this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com